Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1453A Fiches technique(PDF) 4 Page - Keysight Technologies

No de pièce U1453A
Description  Insulation Resistance Testers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1453A Fiches technique(HTML) 4 Page - Keysight Technologies

  U1453A Datasheet HTML 1Page - Keysight Technologies U1453A Datasheet HTML 2Page - Keysight Technologies U1453A Datasheet HTML 3Page - Keysight Technologies U1453A Datasheet HTML 4Page - Keysight Technologies U1453A Datasheet HTML 5Page - Keysight Technologies U1453A Datasheet HTML 6Page - Keysight Technologies U1453A Datasheet HTML 7Page - Keysight Technologies U1453A Datasheet HTML 8Page - Keysight Technologies U1453A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
04 | Keysight | U1450A/U1460A Insulation Resistance Testers - Data Sheet
Capable of handling MORE abuse in industrial settings
The insulation resistance testers are housed in robust overmold enclosures, certified to IP 67 for protection against water and dust. The robust
tool is tested to withstand drops up to 3 meters (10 feet) high and operates over harsh temperature range of –40 to +55 °C1. Built to handle
tough conditions and certified to stringent industrial standards, the U1450A/U1460A series is what you need to face the demands of everyday
tasks.
1.
U1453A/U1461A only
2.
Refer to U1450A/U1460A Series Comparison Chart at a glance
Test the MOST applications with the
same device
The adjustable insulation test voltage from 10 V to 1.1 kV in 1 V
steps on selected two models1 allows you to set precise test volt-
ages catered to unique test application requirements. These typical
applications are commercial avionics testing, military communica-
tions system testing and production line testing. The standard test
voltages from 50 V to 1 kV is also available for selected models2.
Figure 5. Adjustable insulation test voltage up to 1.1 kV
Make MORE measurements with two-
in-one tool
Selected models of the U1450A/U1460A series insulation resistance
testers includes a full-featured OLED digital multimeter, with up to
4 ½ digits of resolution. Get all the functionality such as voltage
measurements (AC V/DC V/AC mV/DC mV), current measurements
(AC mA/DC mA/AC µA/DC µA), capacitance, resistance, tempera-
ture, diode test, low pass filter (LPF) and non-contact AC voltage
detection (Vsense) that caters for a broad range of applications.
Stretch to measure more for higher accuracy measurements read-
ings with crystal clear OLED display – all within one tool.
Figure 6. Insulation resistance tester with full featured DMM


Numéro de pièce similaire - U1453A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1450A KEYSIGHT-U1450A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
More results

Description similaire - U1453A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1461A KEYSIGHT-U1461A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com