Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1242C Fiches technique(PDF) 7 Page - Keysight Technologies

No de pièce U1242C
Description  U1240 Series Handheld Digital Multimeters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1242C Fiches technique(HTML) 7 Page - Keysight Technologies

Back Button U1242C Datasheet HTML 3Page - Keysight Technologies U1242C Datasheet HTML 4Page - Keysight Technologies U1242C Datasheet HTML 5Page - Keysight Technologies U1242C Datasheet HTML 6Page - Keysight Technologies U1242C Datasheet HTML 7Page - Keysight Technologies U1242C Datasheet HTML 8Page - Keysight Technologies U1242C Datasheet HTML 9Page - Keysight Technologies U1242C Datasheet HTML 10Page - Keysight Technologies U1242C Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
07 | Keysight | U1240 Series Handheld Digital Multimeters - Data Sheet
U1240C series comparison
U1241C
U1242C
Basic features
Display resolution
10,000
10,000
Auto/manual ranging
Yes
Yes
Analog bar graph
Yes
Yes
Backlight
Yes
Yes
AC bandwidth
2 kHz
2 kHz
True RMS
AC
AC (Switchable to averaging sense)
Measurements
Voltage DC
Range
100 mV to 1000 V
100 mV to 1000 V
Accuracy
0.09 % + 2 cnts
0.09 % + 2 cnts
Voltage AC
Range
100 mV to 1000 V
100 mV to 1000 V
Accuracy
1.0 % + 3 cnts
1.0 % + 3 cnts
Current DC
Range
1000 µA to 10 A
1000 µA to 10 A
Accuracy
0.1 % + 2 cnts
0.1 % + 2 cnts
Current AC
Range
1000 µA to 10 A
1000 µA to 10 A
Accuracy
1 % + 3 cnts
1 % + 3 cnts
Resistance
Range
1000 Ω to 100 MΩ
100 Ω to 100 MΩ
Accuracy
0.2 % + 2 cnts
0.2 % + 2 cnts
Frequency
Range
100 Hz to 10 MHz
100 Hz to 10 MHz
Accuracy
0.02 % + 1 cnts
0.02 % + 1 cnts
Capacitance
Range
1000 nF to 10 mF
1000 nF to 10 mF
Accuracy
1 % + 5 cnts
1 % + 5 cnts
Temperature (K-type thermocouple)
Range
–200 °C to 1372 °C
–200 °C to 1372 °C
Accuracy
1 % + 1 °C
1 % + 1 °C
Continuity with beeper
Yes
Yes
Diode test
Yes
Yes
Data management
Min/Max recording
Yes
Yes
Display hold
Yes
Yes
Auto hold
Yes
Yes
Null
Yes
Yes
PC-Connectivity
Infrared (IR)-USB;
IR-Bluetooth (optional with U1117A)
Infrared (IR)-USB;
IR-Bluetooth (optional with U1117A)
Special features
Harmonic ratio
Yes
Vsense: non-contact voltage detect
Yes
Z
LOW - low impedance mode
Yes
T1 - T2 differential temperature measurement
Yes
Safety and regulatory
Over-voltage safety protection
CAT III 1000 V / CAT IV 600 V
CAT III 1000 V / CAT IV 600 V
EN/IEC 61010-2-030: 2010 compliance
Yes
Yes
EN/IEC 61010-1: 2010 compliance
Yes
Yes
General
Operating temperature
–20 °C to 55 °C
0 % to 80 % R.H.
–20 °C to 55 °C
0 % to 80 % R.H.
Battery (included)
4 x 1.5 V AAA
4 x 1.5 V AAA
Battery life
400 hours
400 hours
Warranty
3-year
3-year
Calibration
One year, or; Two years
(with 1.5 times of one year specification)
One year, or; Two years
(with 1.5 times of one year specification)
Dimensions (H x W x D)
198 x 96 x 57 mm
198 x 96 x 57 mm


Numéro de pièce similaire - U1242C

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1242C KEYSIGHT-U1242C Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Description similaire - U1242C

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com