Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1837M Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LB1837M
Description  Monolithic Linear IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1837M Fiches technique(HTML) 4 Page - ON Semiconductor

  LB1837M Datasheet HTML 1Page - ON Semiconductor LB1837M Datasheet HTML 2Page - ON Semiconductor LB1837M Datasheet HTML 3Page - ON Semiconductor LB1837M Datasheet HTML 4Page - ON Semiconductor LB1837M Datasheet HTML 5Page - ON Semiconductor LB1837M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LB1837M
No.3948-4/6
Pin Functions
Pin
No.
Symbol
Equivalent Circuit Diagram
Pin Function
14
VCC
Power supply pin for output and controller.
9
12
GND
GND pins for output and controller. Both
must be grounded.
1
2
6
7
IN2
IN1
IN3
IN4
Input pins that determine the excitation of
the outputs.
IN1 and IN2 control outputs OUT1 and
OUT2; IN3 and IN4 control outputs OUT3
and OUT4.
When inputs IN1 through IN4 are all low or
open, the device goes into standby mode
and current consumption drops to 10 μA or
less.
L: –0.3 to +0.7 V
H: 3.0 to 9.0 V
There are no limitations on the magnitude
relationships between the VCC and VIN
supply voltages.
8
10
11
13
OUT4
OUT3
OUT1
OUT2
Output pins.
Have built-in spark killer diodes. Braking
provides short braking that turns on the
lower transistor.
3
Vref
Reference voltage (= 2.0 V).
4
5
VC1
VC2
Input pins that determine the constantvoltage
regulated output level.
The constant-voltage regulated output VO
(= voltage between H side output and
GND) is controlled by VO = 2.5 x VC . There
are no limitations on the magnitude
relationships between the VCC, VC1 and
VC2 supply voltages.


Numéro de pièce similaire - LB1837M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1837M SANYO-LB1837M Datasheet
86Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M_10 Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M_12 Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
More results

Description similaire - LB1837M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76850 SANYO-LA76850 Datasheet
284Kb / 31P
   Monolithic Linear IC Black & White Television IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com