Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS387 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce CS387
Description  Alternator Voltage Regulator Darlington Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS387 Fiches technique(HTML) 6 Page - ON Semiconductor

  CS387 Datasheet HTML 1Page - ON Semiconductor CS387 Datasheet HTML 2Page - ON Semiconductor CS387 Datasheet HTML 3Page - ON Semiconductor CS387 Datasheet HTML 4Page - ON Semiconductor CS387 Datasheet HTML 5Page - ON Semiconductor CS387 Datasheet HTML 6Page - ON Semiconductor CS387 Datasheet HTML 7Page - ON Semiconductor CS387 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS3341, CS3351, CS387
http://onsemi.com
6
REGULATION WAVEFORMS
The CS3341/3351/387 utilizes proportion control to
maintain regulation. Waveforms depicting operation are
shown in Figures 4, 5 and 6, where VBAT/N is the divided
down voltage present on the Sense pin using R1 and R2
(Figure 7). A sawtooth waveform is generated internally.
The amplitude of this waveform is listed in the electric
parameter section as proportion control. The oscillator
voltage is summed with VBAT/N, and compared with the
internal voltage regulator (VREG) in the regulation
comparator which controls the field through the output
“Device Driver.”
Figure 4 shows typical steady−state operation. A 50%
duty cycle is maintained.
Figure 5 shows the effect of a drop in voltage on (VBAT/N
+ VOSC). Notice the duty cycle increase to the field drive.
Figure 6 shows the effect of an increase in voltage (above
the regulation voltage) on (VBAT/N + VOSC). Notice the
decrease in field drive.
Figure 4. 50% Duty Cycle,
Steady State
Figure 5. > 50% Duty Cycle,
Increased Load
Figure 6. < 50% Duty Cycle,
Decreased Load
VREG
VBAT/N + VOSC
VREG
VREG
VBAT/N + VOSC
Field Driver On
Field Driver On
Field Driver On
VBAT/N + VOSC
Figure 7. Typical Application DIagram
D1
C3
BATTERY
2N6284
Power
Darlington
POWER GROUND
R4
18 k
W
C1
0.1
mF
R2
50 k
W
0.047
mF
C4
0.022
mF
R6
20 k
W
R9
2.4 k
W
GND
Driver
SC
STATOR
STATOR
RECTIFIER
S
A
F
I
FIELD
Lamp Indicator
R10
510
W
IGNITION
SWITCH
R7
MPSA13
or CS299
*Note: C2 optional for reduced jitter.
LAMP
VCC
Sense
OSC
IGN
*C2
10
mF
R1
100 k
W
R5 10 k
W
R3
250
W
10
W
MR2502
MR2502
MR2502


Numéro de pièce similaire - CS387

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS387 ONSEMI-CS387 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
logo
Cherry Semiconductor Co...
CS387H CHERRY-CS387H Datasheet
157Kb / 6P
   Alternator Voltage Regulator Darlington Driver
logo
ON Semiconductor
CS387H ONSEMI-CS387H Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS387H ONSEMI-CS387H Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results

Description similaire - CS387

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
logo
Cherry Semiconductor Co...
CS3341 CHERRY-CS3341 Datasheet
157Kb / 6P
   Alternator Voltage Regulator Darlington Driver
logo
ON Semiconductor
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
   Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
   Alternator Voltage Regulator FET Driver
logo
ON Semiconductor
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
   Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com