Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1FL3 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SS1FL3
Description  Surface Mount Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS1FL3 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SS1FL3 Datasheet HTML 1Page - Vishay Siliconix SS1FL3 Datasheet HTML 2Page - Vishay Siliconix SS1FL3 Datasheet HTML 3Page - Vishay Siliconix SS1FL3 Datasheet HTML 4Page - Vishay Siliconix SS1FL3 Datasheet HTML 5Page - Vishay Siliconix SS1FL3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS1FL3
www.vishay.com
Vishay General Semiconductor
Revision: 01-Sep-16
3
Document Number: 87614
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Typical Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
255075
100
125
150
Mount Temperature (
°C)
Mounted on recommended areas,
FR4 PCB; typical values
R
thJM = 22 °C/W
R
thJA = 125 °C/W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Instantaneous Forward Voltage (V)
T
A = 25 °C
T
A = 125 °C
T
A = 150 °C
T
A = 100 °C
1
10
100
1000
10 000
100 000
10
15
20
25
30
Percent of Rated Peak Reverse Voltage (V)
T
A = 100 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
10
100
1000
0
5
10
15
20
25
30
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
100
1000
0.001
0.1
10
1000
t - Pulse Duration (s)
Junction to Ambient
Mounted on standard footprint ,FR4 PCB


Numéro de pièce similaire - SS1FL3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS1FL3 VISHAY-SS1FL3 Datasheet
105Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS1FL3 VISHAY-SS1FL3_15 Datasheet
99Kb / 6P
   Surface Mount Schottky Barrier Rectifier
Revision: 21-Apr-15
SS1FL3 VISHAY-SS1FL3_V01 Datasheet
105Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results

Description similaire - SS1FL3

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com