Moteur de recherche de fiches techniques de composants électroniques |
|
LF398N Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
LF398N Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
5 / 13 page Typical Performance Characteristics (Continued) Logic Input Configurations Input Bias Current DS005692-29 Feedthrough Rejection Ratio (Hold Mode) DS005692-30 Hold Step vs Input Voltage DS005692-31 Output Transient at Start of Sample Mode DS005692-12 Output Transient at Start of Hold Mode DS005692-13 TTL & CMOS 3V ≤ V LOGIC (Hi State) ≤ 7V DS005692-33 Threshold = 1.4V DS005692-34 Threshold = 1.4V *Select for 2.8V at pin 8 www.national.com 5 |
Numéro de pièce similaire - LF398N |
|
Description similaire - LF398N |