Moteur de recherche de fiches techniques de composants électroniques |
|
1N5223 Fiches technique(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
|
1N5223 Fiches technique(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
1 / 3 page FEATURES Silicon planar power zener diodes MECHANICAL DATA Case:DO-35, Glass Case Terminals: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Approx. Weight: 0.13 grams. Thermal resistance junction to ambient Forw ard voltage at IF=200mA 3001) Storage temperature range Ts -55---+175 Power dissipation at Tamb=25 Ptot 5001) NOTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature. 1.2 V /W SYMBOL VF UNIT MAX TYP MIN RθJA Junction temperature TJ 175 mW 1N5221-1N5271 ZENER DIODES POWER DISSIPATION: 500 mW DO-35(GLASS) UNIT VALUE SYMBOL MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%. Dimensions in millimeters Parameter Parameter Standard Zener voltage tolerance is ± 20%. Add suffix "A" for ± 10% Tolerance, suffix "B" for ± 5% tolerance, suffix "C" for ± 2% tolerance, Other tolerance, non standard and higher Zener voltages are upon request. Page:P3-P1 Glass-Encapsulate Diodes GUANGDONG HOTTECH INDUSTRIAL CO,. LTD. |
Numéro de pièce similaire - 1N5223 |
|
Description similaire - 1N5223 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |