Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2101CLH2Q Fiches technique(PDF) 2 Page - Zarlink Semiconductor Inc

No de pièce SL2101CLH2Q
Description  Synthesized Broadband Converter with Programmable Power
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2101CLH2Q Fiches technique(HTML) 2 Page - Zarlink Semiconductor Inc

  SL2101CLH2Q Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2101CLH2Q Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SL2101
Data Sheet
2
Zarlink Semiconductor Inc.
Figure 2 - Pin Diagram SSOP Package
Figure 3 - Pin Diagram MLP Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
XTAL CAP
SDA
SCL
BUFREF
Vccd
Vee
Vee
RF
RFB
Vee
VccRF
Vee
IFOUTPUTB
PUMP
DRIVE
PORT P0
Vee
ADD
Vee
VccLO
LOB
LO
VccLO
Vee
Vee
IFOUTPUT
XTAL
VccLO
NP 28
ADD
nc
VccLO
LOB
LO
VccLO
nc
Vccd
nc
nc
RF
RFB
nc
VccRF
Pin 1 Ident
Vee to pad
under package
1
2
3
4
5
6
7
28 27 26 25 24 23 22
21
20
19
18
17
16
15
14
13
12
11
10
9
8


Numéro de pièce similaire - SL2101CLH2Q

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL210 YANGJIE-SL210 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL210 RFE-SL210 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
Sangdest Microelectroni...
SL210A SMC-SL210A Datasheet
172Kb / 6P
   SCHOTTKY RECTIFIER
More results

Description similaire - SL2101CLH2Q

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com