Moteur de recherche de fiches techniques de composants électroniques |
|
STQ1553-45 Fiches technique(PDF) 3 Page - Pulse A Technitrol Company |
|
STQ1553-45 Fiches technique(HTML) 3 Page - Pulse A Technitrol Company |
3 / 4 page G003.U (2/07) www.pulseeng.com 65 QPL Series — Qualified to MIL-PRF-21038/27 Part 1 Military Turns Ratio Impedance Package * Data 2 Number Designation (±3%) L/W/H (in.) Sheet Number ( Ω MIN) Part 1 Military Turns Ratio Impedance Package * Data 2 Number Designation (±3%) L/W/H (in.) Sheet Number ( Ω MIN) MIL-STD-1553 (continued) Q1553-20 M21038/27-05 1:1.41 3,000 .500 / .350 / .250 QPL6 Q1553-21 M21038/27-06 1CT:1CT 3,000 .500 / .350 / .250 QPL6 Q1553-22 M21038/27-07 1CT:1.41CT 3,000 .500 / .350 / .250 QPL6 Q1553-23 M21038/27-08 1CT:1.66CT 3,000 .500 / .350 / .250 QPL6 Q1553-24 M21038/27-09 1CT:2CT 3,000 .500 / .350 / .250 QPL6 Q1553-25 M21038/27-28 1CT:1.5CT 3,000 .500 / .350 / .250 QPL6 Q1553-51 M21038/27-29 1CT:1.79CT 3,000 .500 / .350 / .250 QPL6 Q1553-52 M21038/27-30 1CT:2.5CT 3,000 .500 / .350 / .250 QPL6 Q1553-1 M21038/27-01 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .250 QPL6 Q1553-2 M21038/27-02 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .250 QPL6 Q1553-3 M21038/27-03 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250 QPL6 Q1553-5 M21038/27-10 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .250 QPL6 Q1553-45 M21038/27-26 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .275 QPL6 Q1553-81 M21038/27-21 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .275 QPL6 Q1553-82 M21038/27-22 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .275 QPL6 Q1553-83 M21038/27-23 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .275 QPL6 Q1553-84 M21038/27-24 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .275 QPL6 Q1553-85 M21038/27-25 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .275 QPL6 FPQ1553-6 M21038/27-16 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-6 M21038/27-11 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .250 QPL6 FPQ1553-7 M21038/27-17 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .250 QPL6 SMQ1553-7 M21038/27-12 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .250 QPL6 FPQ1553-8 M21038/27-18 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-8 M21038/27-13 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250 QPL6 FPQ1553-10 M21038/27-20 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-10 M21038/27-15 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .250 QPL6 FPQ1553-45 M21038/27-31 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-45 M21038/27-27 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .250 QPL6 1. Part number options: C and T level QPL testing (xxQC1553-xx, xxQT1553-xx, M21038/27-xxC, M21038/27-xxT). 2. Web: http://www.pulseeng.com/products/datasheets/QPL6.pdf 3. Summary Performance Specifications: Droop = 20%; Overshoot = ±1 VMAX; Common Mode Rejection = 45 dB; Frequency Range (no load) = 75 kHz to 1 MHz; Operating Temperature Range = -55°C to +130°C; Weight = 5 grams; Insulation Resistance = 10 kM Ω @ 250 VDC; Dielectric Withstanding Voltage = 100 Vrms *Mounting: FP = Flat Pack TH = Through Hole SM = Surface Mount Pulse offers off-the-shelf inductors and transformers for modern military and aerospace power applications--the SLED™, the SLIC, and the POGO™ series. The SLED series consists of rail-mount inductors with a ruggedized header for durable board connections, utilizing two rails for board mounting and cores bonded to high temperature headers for durability and mechanical strength. The SLIC series, self-leaded transformers and inductors, have ruggedized construction. The structural header is bonded to the cores and lead wires, increasing mechanical durability. The POGO series are pad-mounted inductors with open construction for robust board mounting with rugged pins used for both surface board-mounting and electrical connection. To locate the current data sheets for these products, go to the Pulse website at the following URL: http://www.pulseeng.com and click the “Military / Aerospace” tile on the Pulse home page. Toroid Power Inductors - SLED Series Part @ IRATED IRATED DCR Inductance Package* Data Number (µH) (A) (m Ω MAX) @0A DC (µH) L/W/H (in.) Sheet Part @ IRATED IRATED DCR Inductance Package* Data Number (µH) (A) (m Ω MAX) @0A DC (µH) L/W/H (in.) Sheet Toroid Power Inductors - SLED Series (continued OFF-THE-SHELF POWER INDUCTORS & TRANSFORMERS SLED 20 PL8100 1.01 3.40 11 1.1 .400 / .345 / .250 M107 PL8101 6.2 1.40 70 7 .400 / .345 / .250 M107 PL8102 17.6 1.00 125 22.7 .400 / .345 / .250 M107 SLED 30 PL8110 3.8 4.80 17.3 5.2 .625 / .525 / .400 M107 PL8111 9.4 2.80 43.4 12.3 .625 / .525 / .400 M107 PL8112 29.7 1.40 166 35.3 .625 / .525 / .400 M107 PL8113 114 0.94 380 167 .625 / .525 / .400 M107 SLED 40 PL8120 2.5 8.00 8.3 3.8 .725 / .575 / .410 M107 PL8121 5.1 5.40 17.7 7.5 .725 / .575 / .410 M107 PL8122 16.2 2.70 72 21.9 .725 / .575 / .410 M107 PL8123 58.1 1.30 290 73 .725 / .575 / .410 M107 PL8124 192 0.90 560 292 .725 / .575 / .410 M107 PL8125 383 0.72 862 672 .725 / .575 / .410 M107 PL8130 4.9 7.80 12.4 7.9 .725 / .575 / .410 M107 PL8131 9 5.50 28 14 .725 / .575 / .410 M107 PL8132 29.1 2.70 100 40.5 .725 / .575 / .410 M107 PL8133 645 0.74 1250 1134 .725 / .575 / .410 M107 PL8150 0.81 14.30 2.5 1.25 .725 / .575 / .410 M107 PL8151 1.32 11.50 4.0 2.1 .725 / .575 / .410 M107 SLED 50 PL8140 9.3 7.20 18.7 16 .900 / .690 / .520 M107 PL8141 16.1 5.10 32.0 25.9 .900 / .690 / .520 M107 PL8142 50 2.60 133 72.9 .900 / .690 / .520 M107 PL8143 x1070 0.71 1700 1950 .900 / .690 / .520 M107 PL8160 1.68 13.90 3.6 2.8 .900 / .690 / .520 M107 PL8161 2.5 11.40 5.4 4.2 .900 / .690 / .520 M107 PL8170 3.5 12.40 6.6 6.5 .900 / .690 / .520 M107 PL8171 4.7 10.40 8.3 8.4 .900 / .690 / .520 M107 SMT Common Mode Chokes: SLIC Series Part Inductance IRATED DCR Package* Data Number (mH ±35%) (A) (m Ω MAX) L/W/H (in.) Sheet PL8200 0.47 14.0 8 1.220 / 1.000 / .500 M108 PL8201 0.63 11.6 10 1.220 / 1.000 / .500 M108 PL8202 0.81 9.70 14 1.220 / 1.000 / .500 M108 PL8203 0.53 7.20 15 1.110 / 1.00 / 395 M108 PL8204 0.59 5.60 21 .770 / .670 / .395 M108 PL8205 0.77 4.70 40 .770 / .670 / .395 M108 PL8206 0.22 3.30 60 .770 / .670 / .390 M108 PL8207 1.32 3.30 60 .770 / .670 / .395 M108 PL8208 1.47 2.80 80 .770 / .670 / .395 M108 PL8209 0.88 1.63 110 .500 / .500 / .215 M108 PL8210 1.17 1.22 200 .500 / .500 / .215 M108 Military/Aerospace Products MILITARY/AEROSPACE PRODUCTS |
Numéro de pièce similaire - STQ1553-45 |
|
Description similaire - STQ1553-45 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |