Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ1553-3 Fiches technique(PDF) 3 Page - Pulse A Technitrol Company

No de pièce STQ1553-3
Description  MILITARY/AEROSPACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

STQ1553-3 Fiches technique(HTML) 3 Page - Pulse A Technitrol Company

  STQ1553-3 Datasheet HTML 1Page - Pulse A Technitrol Company STQ1553-3 Datasheet HTML 2Page - Pulse A Technitrol Company STQ1553-3 Datasheet HTML 3Page - Pulse A Technitrol Company STQ1553-3 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
G003.U (2/07)
www.pulseeng.com
65
QPL Series — Qualified to MIL-PRF-21038/27
Part 1
Military
Turns Ratio Impedance Package
*
Data 2
Number
Designation
(±3%)
L/W/H (in.)
Sheet
Number
(
Ω MIN)
Part 1
Military
Turns Ratio Impedance Package
*
Data 2
Number
Designation
(±3%)
L/W/H (in.)
Sheet
Number
(
Ω MIN)
MIL-STD-1553
(continued)
Q1553-20
M21038/27-05
1:1.41
3,000 .500 / .350 / .250
QPL6
Q1553-21
M21038/27-06
1CT:1CT
3,000 .500 / .350 / .250
QPL6
Q1553-22
M21038/27-07
1CT:1.41CT
3,000 .500 / .350 / .250
QPL6
Q1553-23
M21038/27-08
1CT:1.66CT
3,000 .500 / .350 / .250
QPL6
Q1553-24
M21038/27-09
1CT:2CT
3,000 .500 / .350 / .250
QPL6
Q1553-25
M21038/27-28
1CT:1.5CT
3,000 .500 / .350 / .250
QPL6
Q1553-51
M21038/27-29
1CT:1.79CT
3,000 .500 / .350 / .250
QPL6
Q1553-52
M21038/27-30
1CT:2.5CT
3,000 .500 / .350 / .250
QPL6
Q1553-1
M21038/27-01
1CT:1CT/1CT:.707CT
4,000 .625 / .625 / .250
QPL6
Q1553-2
M21038/27-02
1.4CT:1CT/2CT:1CT
7,200
.625 / .625 / .250
QPL6
Q1553-3
M21038/27-03
1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250
QPL6
Q1553-5
M21038/27-10
1CT:2.12CT/1CT:1.5CT
4,000 .625 / .625 / .250
QPL6
Q1553-45
M21038/27-26
1CT:2.5CT/1CT:1.79CT
4,000 .625 / .625 / .275
QPL6
Q1553-81
M21038/27-21
1CT:1CT/1CT:.707CT
4,000 .625 / .625 / .275
QPL6
Q1553-82
M21038/27-22
1.4CT:1CT/2CT:1CT
7,200
.625 / .625 / .275
QPL6
Q1553-83
M21038/27-23
1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .275
QPL6
Q1553-84
M21038/27-24
1CT:2.12CT/1CT:1.5CT
4,000 .625 / .625 / .275
QPL6
Q1553-85
M21038/27-25
1CT:2.5CT/1CT:1.79CT
4,000 .625 / .625 / .275
QPL6
FPQ1553-6
M21038/27-16
1CT:1CT/1CT:.707CT
4,000 .625 / .625 / .250
QPL6
SMQ1553-6 M21038/27-11
1CT:1CT/1CT:.707CT
4,000 .625 / .625 / .250
QPL6
FPQ1553-7
M21038/27-17
1.4CT:1CT/2CT:1CT
7,200 .625 / .625 / .250
QPL6
SMQ1553-7 M21038/27-12
1.4CT:1CT/2CT:1CT
7,200 .625 / .625 / .250
QPL6
FPQ1553-8
M21038/27-18
1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250
QPL6
SMQ1553-8 M21038/27-13
1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250
QPL6
FPQ1553-10 M21038/27-20
1CT:2.12CT/1CT:1.5CT
4,000 .625 / .625 / .250
QPL6
SMQ1553-10 M21038/27-15
1CT:2.12CT/1CT:1.5CT
4,000 .625 / .625 / .250
QPL6
FPQ1553-45 M21038/27-31
1CT:2.5CT/1CT:1.79CT
4,000 .625 / .625 / .250
QPL6
SMQ1553-45 M21038/27-27
1CT:2.5CT/1CT:1.79CT
4,000 .625 / .625 / .250
QPL6
1. Part number options: C and T level QPL testing (xxQC1553-xx, xxQT1553-xx,
M21038/27-xxC, M21038/27-xxT).
2. Web: http://www.pulseeng.com/products/datasheets/QPL6.pdf
3. Summary Performance Specifications: Droop = 20%; Overshoot = ±1 VMAX;
Common Mode Rejection = 45 dB; Frequency Range (no load) = 75 kHz to
1 MHz; Operating Temperature Range = -55°C to +130°C; Weight = 5 grams;
Insulation Resistance = 10 kM
Ω @ 250 VDC; Dielectric Withstanding
Voltage = 100 Vrms
*Mounting: FP = Flat Pack TH = Through Hole SM = Surface Mount
Pulse offers off-the-shelf inductors and transformers for modern military and aerospace power applications--the SLED™, the SLIC,
and the POGO™ series. The SLED series consists of rail-mount inductors with a ruggedized header for durable board connections,
utilizing two rails for board mounting and cores bonded to high temperature headers for
durability and mechanical strength. The SLIC series, self-leaded transformers and inductors,
have ruggedized construction. The structural header is bonded to the cores and lead wires,
increasing mechanical durability. The POGO series are pad-mounted inductors with open
construction for robust board mounting with rugged pins used for both surface board-mounting
and electrical connection.
To locate the current data sheets for these products, go to the Pulse website at the following URL:
http://www.pulseeng.com and click the “Military / Aerospace” tile on the Pulse home page.
Toroid Power Inductors - SLED Series
Part
@ IRATED
IRATED
DCR
Inductance
Package*
Data
Number
(µH)
(A)
(m
Ω MAX) @0A
DC (µH)
L/W/H (in.)
Sheet
Part
@ IRATED
IRATED
DCR
Inductance
Package*
Data
Number
(µH)
(A)
(m
Ω MAX) @0A
DC (µH)
L/W/H (in.)
Sheet
Toroid Power Inductors - SLED Series
(continued
OFF-THE-SHELF POWER INDUCTORS & TRANSFORMERS
SLED 20
PL8100
1.01
3.40
11
1.1
.400 / .345 / .250 M107
PL8101
6.2
1.40
70
7
.400 / .345 / .250 M107
PL8102
17.6
1.00
125
22.7
.400 / .345 / .250 M107
SLED 30
PL8110
3.8
4.80
17.3
5.2
.625 / .525 / .400 M107
PL8111
9.4
2.80
43.4
12.3
.625 / .525 / .400 M107
PL8112
29.7
1.40
166
35.3
.625 / .525 / .400 M107
PL8113
114
0.94
380
167
.625 / .525 / .400 M107
SLED 40
PL8120
2.5
8.00
8.3
3.8
.725 / .575 / .410 M107
PL8121
5.1
5.40
17.7
7.5
.725 / .575 / .410 M107
PL8122
16.2
2.70
72
21.9
.725 / .575 / .410 M107
PL8123
58.1
1.30
290
73
.725 / .575 / .410 M107
PL8124
192
0.90
560
292
.725 / .575 / .410 M107
PL8125
383
0.72
862
672
.725 / .575 / .410 M107
PL8130
4.9
7.80
12.4
7.9
.725 / .575 / .410 M107
PL8131
9
5.50
28
14
.725 / .575 / .410 M107
PL8132
29.1
2.70
100
40.5
.725 / .575 / .410 M107
PL8133
645
0.74
1250
1134
.725 / .575 / .410 M107
PL8150
0.81
14.30
2.5
1.25
.725 / .575 / .410 M107
PL8151
1.32
11.50
4.0
2.1
.725 / .575 / .410 M107
SLED 50
PL8140
9.3
7.20
18.7
16
.900 / .690 / .520 M107
PL8141
16.1
5.10
32.0
25.9
.900 / .690 / .520 M107
PL8142
50
2.60
133
72.9
.900 / .690 / .520 M107
PL8143
x1070
0.71
1700
1950
.900 / .690 / .520 M107
PL8160
1.68
13.90
3.6
2.8
.900 / .690 / .520 M107
PL8161
2.5
11.40
5.4
4.2
.900 / .690 / .520 M107
PL8170
3.5
12.40
6.6
6.5
.900 / .690 / .520 M107
PL8171
4.7
10.40
8.3
8.4
.900 / .690 / .520 M107
SMT Common Mode Chokes: SLIC Series
Part
Inductance
IRATED
DCR
Package*
Data
Number
(mH ±35%)
(A)
(m
Ω MAX)
L/W/H (in.)
Sheet
PL8200
0.47
14.0
8
1.220 / 1.000 / .500
M108
PL8201
0.63
11.6
10
1.220 / 1.000 / .500
M108
PL8202
0.81
9.70
14
1.220 / 1.000 / .500
M108
PL8203
0.53
7.20
15
1.110 / 1.00 / 395
M108
PL8204
0.59
5.60
21
.770 / .670 / .395
M108
PL8205
0.77
4.70
40
.770 / .670 / .395
M108
PL8206
0.22
3.30
60
.770 / .670 / .390
M108
PL8207
1.32
3.30
60
.770 / .670 / .395
M108
PL8208
1.47
2.80
80
.770 / .670 / .395
M108
PL8209
0.88
1.63
110
.500 / .500 / .215
M108
PL8210
1.17
1.22
200
.500 / .500 / .215
M108
Military/Aerospace Products
MILITARY/AEROSPACE PRODUCTS


Numéro de pièce similaire - STQ1553-3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STQ1HNC60 STMICROELECTRONICS-STQ1HNC60 Datasheet
116Kb / 6P
   N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?줚I MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
More results

Description similaire - STQ1553-3

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
FCA-325 MACOM-FCA-325 Datasheet
82Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
logo
Amphenol Corporation
T3-4120-10P AMPHENOL-T3-4120-10P Datasheet
3Mb / 39P
   environmental connectors for military/aerospace applications
logo
List of Unclassifed Man...
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
C&K Components
M837319-311 CK-COMPONENTS-M837319-311 Datasheet
367Kb / 5P
   Military/Aerospace/HI-REL MIL-S-83731 Toggle Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com