Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ1553-2 Fiches technique(PDF) 1 Page - Pulse A Technitrol Company

No de pièce STQ1553-2
Description  MILITARY/AEROSPACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

STQ1553-2 Fiches technique(HTML) 1 Page - Pulse A Technitrol Company

  STQ1553-2 Datasheet HTML 1Page - Pulse A Technitrol Company STQ1553-2 Datasheet HTML 2Page - Pulse A Technitrol Company STQ1553-2 Datasheet HTML 3Page - Pulse A Technitrol Company STQ1553-2 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM = Surface Mount
G003.U (2/07)
www.pulseeng.com
63
Pulse is one of the leading manufacturers of magnetic interface transformers, data bus
couplers, delay lines, Ethernet transformers, and custom electronic components for
Military/Aerospace applications. Both catalog and custom designs include a comprehensive
range of high-performance solutions and packaging for QPL and non-QPL MIL-STD-1553
interface transformers, various MIL- STD-1553 Data Bus Couplers and QPL and non-QPL
active and passive delay lines. In addition, Copperhead transformers and transceivers
support a variety of high-speed applications that includes Fibre Channel, Gigabit
Ethernet, SONET, HDTV, IEEE1394B, SMTPE, Ethernet and AFDX buses.
Pulse's Military/Aerospace products are designed to meet the most demanding requirements
for military, aerospace and industrial applications. For catalog and/or custom designed products, contact Pulse’s Military/Aerospace
Division at 215-781-6400 or find an authorized distributor or representative on the Pulse website. See back cover.
Military/Aerospace Products
100B-1001
1CT:1CT
T, C, S
T,C
12-pin SMT
.630 / .470 / .185
M101
100B-1001X
1CT:1CT
T, C, S
T,C
12-pin SMT
.630 / .470 / .185
M101
Single
100B-1003
1CT:1CT
T,C
T,C
16-pin SOIC
.500 / .265 / .235
M101
100B-1003X
1CT:1CT
T,C
T,C
16-pin SOIC
.500 / .265 / .235
M101
Dual
100B-2002
1CT:1CT
T, C
T,C
24-pin SMT
.518 / .595 / .241
M110
100B-2002X
1CT:1CT
T, C
T,C
24-pin SMT
.518 / .595 / .241
M110
Quad
100B-4005
1CT:1CT
T,C
T,C
40-pin SOIC
1.120 / .480 / .280
M102
100B-4005X
1CT:1CT
T,C
T,C
40-pin SOIC
1.120 / .480 / .280
M102
1. Web: http://www.pulseeng.com/products/datasheets/M101.pdf or M102.pdf
2. T = Transformer, C = Choke, S = Shunt inductor, SMT = 50 mil pitch leads, SOIC = 100 mil pitch leads
10/100
Number
Part
Turns
Configuration 2
Package
Data
of Ports
Number
Ratio
RX
TX
Style
Size L/W/H (in.)
Sheet 1
Copperhead
TM Series 1, 2
T-330SCT
1CT:1CT
26.0 (@ 1.0 Vrms, 100 kHz)
350
0.2
1500
-1.5 (15-165 MHz)
265.625 (quarter speed)
T-1062SCT
1CT:1CT
3.75 (@ 1.0 Vrms, 100 kHz)
280
0.2
1500
-2.0 (100-625 MHz)
1062.50 (full speed)
T-1250SCT
1CT:1CT
3.75
280
0.2
1500
-2.0
1250
T-1485SCT
1CT:1CT
3.75
280
0.2
1500
-2.0
1485 (SMPTE)
T-3200SCT
1:1
0.70
200
0.2
1500
-4.50
3200
1. Web: http://www.pulseeng.com/products/datasheets/M105.pdf
2. Dual Transformers designed specifically for Point-to-Point Coupling to 150
Ω Twinax Cable: Withstands infrared and vapor phase soldering; Military Temp Range =
-55°C to +125°C; Weight = 1.0 grams; Surface Mount = pick-and-place compatible. Applications: Fibre Channel, Gigabit Ethernet, SONET, HDTV, IEEE 1394B, SMTPE.
Application Notes: These isolation transformers protect the station from static charges that may develop on the cable and prevent ground loop currents from being
transferred between stations. They have also been designed to provide common mode rejection within the transmission band, reducing EMI.
Part
Turns Ratio
Primary Inductance
Rise Time
DC Resistance
Hipot
Insertion Loss
Application Nominal
Number
(±5%)
(µH MIN)
(ps MAX @ 20-80%)
(
Ω MAX)
(Vrms MIN)
(dB MAX)
Bit Rate (Mbaud)
High Speed Data and Communications over
100+ Meters of Copper:
Withstands infrared and vapor phase soldering
Military temperature range -55°C to +125°C
Low transmit/receive jitter
Low power dissipation; 450 mW typical
ECL logic interface
Surface mount – pick and place compatible
Applications:
Fibre Channel, Gigabit Ethernet, SONET, HDTV,
IEEE 1394B, SMTPE
Copperhead
TM Series Transceiver Line Interface Modules
Ordering Information
1
HIGH SPEED DATA BUS
MILITARY/AEROSPACE ETHERNET/AFDX
1. Web: http://www.pulseeng.com/products/datasheets/fibre.pdf
MILITARY/AEROSPACE PRODUCTS


Numéro de pièce similaire - STQ1553-2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STQ1HNC60 STMICROELECTRONICS-STQ1HNC60 Datasheet
116Kb / 6P
   N-CHANNEL 600V - 7ohm - 0.4A TO-92 PowerMesh?줚I MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STQ1HNK60R STMICROELECTRONICS-STQ1HNK60R Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
More results

Description similaire - STQ1553-2

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
FCA-325 MACOM-FCA-325 Datasheet
82Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
logo
Amphenol Corporation
T3-4120-10P AMPHENOL-T3-4120-10P Datasheet
3Mb / 39P
   environmental connectors for military/aerospace applications
logo
List of Unclassifed Man...
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
C&K Components
M837319-311 CK-COMPONENTS-M837319-311 Datasheet
367Kb / 5P
   Military/Aerospace/HI-REL MIL-S-83731 Toggle Switches
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com