Moteur de recherche de fiches techniques de composants électroniques |
|
STQ1553-1 Fiches technique(PDF) 1 Page - Pulse A Technitrol Company |
|
STQ1553-1 Fiches technique(HTML) 1 Page - Pulse A Technitrol Company |
1 / 4 page SM = Surface Mount G003.U (2/07) www.pulseeng.com 63 Pulse is one of the leading manufacturers of magnetic interface transformers, data bus couplers, delay lines, Ethernet transformers, and custom electronic components for Military/Aerospace applications. Both catalog and custom designs include a comprehensive range of high-performance solutions and packaging for QPL and non-QPL MIL-STD-1553 interface transformers, various MIL- STD-1553 Data Bus Couplers and QPL and non-QPL active and passive delay lines. In addition, Copperhead transformers and transceivers support a variety of high-speed applications that includes Fibre Channel, Gigabit Ethernet, SONET, HDTV, IEEE1394B, SMTPE, Ethernet and AFDX buses. Pulse's Military/Aerospace products are designed to meet the most demanding requirements for military, aerospace and industrial applications. For catalog and/or custom designed products, contact Pulse’s Military/Aerospace Division at 215-781-6400 or find an authorized distributor or representative on the Pulse website. See back cover. Military/Aerospace Products 100B-1001 1CT:1CT T, C, S T,C 12-pin SMT .630 / .470 / .185 M101 100B-1001X 1CT:1CT T, C, S T,C 12-pin SMT .630 / .470 / .185 M101 Single 100B-1003 1CT:1CT T,C T,C 16-pin SOIC .500 / .265 / .235 M101 100B-1003X 1CT:1CT T,C T,C 16-pin SOIC .500 / .265 / .235 M101 Dual 100B-2002 1CT:1CT T, C T,C 24-pin SMT .518 / .595 / .241 M110 100B-2002X 1CT:1CT T, C T,C 24-pin SMT .518 / .595 / .241 M110 Quad 100B-4005 1CT:1CT T,C T,C 40-pin SOIC 1.120 / .480 / .280 M102 100B-4005X 1CT:1CT T,C T,C 40-pin SOIC 1.120 / .480 / .280 M102 1. Web: http://www.pulseeng.com/products/datasheets/M101.pdf or M102.pdf 2. T = Transformer, C = Choke, S = Shunt inductor, SMT = 50 mil pitch leads, SOIC = 100 mil pitch leads 10/100 Number Part Turns Configuration 2 Package Data of Ports Number Ratio RX TX Style Size L/W/H (in.) Sheet 1 Copperhead TM Series 1, 2 T-330SCT 1CT:1CT 26.0 (@ 1.0 Vrms, 100 kHz) 350 0.2 1500 -1.5 (15-165 MHz) 265.625 (quarter speed) T-1062SCT 1CT:1CT 3.75 (@ 1.0 Vrms, 100 kHz) 280 0.2 1500 -2.0 (100-625 MHz) 1062.50 (full speed) T-1250SCT 1CT:1CT 3.75 280 0.2 1500 -2.0 1250 T-1485SCT 1CT:1CT 3.75 280 0.2 1500 -2.0 1485 (SMPTE) T-3200SCT 1:1 0.70 200 0.2 1500 -4.50 3200 1. Web: http://www.pulseeng.com/products/datasheets/M105.pdf 2. Dual Transformers designed specifically for Point-to-Point Coupling to 150 Ω Twinax Cable: Withstands infrared and vapor phase soldering; Military Temp Range = -55°C to +125°C; Weight = 1.0 grams; Surface Mount = pick-and-place compatible. Applications: Fibre Channel, Gigabit Ethernet, SONET, HDTV, IEEE 1394B, SMTPE. Application Notes: These isolation transformers protect the station from static charges that may develop on the cable and prevent ground loop currents from being transferred between stations. They have also been designed to provide common mode rejection within the transmission band, reducing EMI. Part Turns Ratio Primary Inductance Rise Time DC Resistance Hipot Insertion Loss Application Nominal Number (±5%) (µH MIN) (ps MAX @ 20-80%) ( Ω MAX) (Vrms MIN) (dB MAX) Bit Rate (Mbaud) High Speed Data and Communications over 100+ Meters of Copper: ● Withstands infrared and vapor phase soldering ● Military temperature range -55°C to +125°C ● Low transmit/receive jitter ● Low power dissipation; 450 mW typical ● ECL logic interface ● Surface mount – pick and place compatible Applications: Fibre Channel, Gigabit Ethernet, SONET, HDTV, IEEE 1394B, SMTPE Copperhead TM Series Transceiver Line Interface Modules Ordering Information 1 HIGH SPEED DATA BUS MILITARY/AEROSPACE ETHERNET/AFDX 1. Web: http://www.pulseeng.com/products/datasheets/fibre.pdf MILITARY/AEROSPACE PRODUCTS |
Numéro de pièce similaire - STQ1553-1 |
|
Description similaire - STQ1553-1 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |