Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H0001 Fiches technique(PDF) 2 Page - Pulse A Technitrol Company

No de pièce H0001
Description  10/100 PC CARD LAN MAGNETICS MODULES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H0001 Fiches technique(HTML) 2 Page - Pulse A Technitrol Company

  H0001 Datasheet HTML 1Page - Pulse A Technitrol Company H0001 Datasheet HTML 2Page - Pulse A Technitrol Company H0001 Datasheet HTML 3Page - Pulse A Technitrol Company H0001 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
2
H304.G (8/06)
.350
8,89
H0020
DATE CODE
COUNTRY OF ORIGIN
.500
12,70
.495
12,57
.020
0,51
12X
.400
10,16
12X .030
0,76
.410
10,41
.150
3,81
.525
13,34
8X .050
1,27
.350
8,89
8X .050
1,27
.004/0,10
12 SURFACES
.077 MAX
1,96
.010
0,25
12X 0°– 8°
.040
1,02
12X
10/100 PC CARD LAN
MAGNETICS MODULES
DATE CODE
COUNTRY OF ORIGIN
.560
14,22
.050
1,27
.560
14,22
.670
17,01
.050
1,27
.047
1,19
.003
0,08
0°– 8°
16 SURFACES
.005/0,13
MAX
.082
2,08
16X.030
0,76
H0009
TYP
.590
14,99
.055
1,40
.030
0,76
.150
3,81
. 450
11,43
.340
8,63
.020
0,51
12X
.050
1,27
8X
.350
8,89
H0022/25
DATE CODE
COUNTRY OF ORIGIN
.465
11,81
12X .030
0,76
.150
3,81
.050
1,27
8X
.350
8,89
.475
12,07
.360
9,14
.085
2,16 MAX
.010
0,25
.004/0,10
12 SURFACES
.040
1,02
12X
12X 0°– 8°
.010
0,25
16 Surfaces
.004/0,10
7X
.050
1,27
16X
.020
0,51
MAX
.078
1,98
.035
0,89
16X
16X0°– 8°
MAX
.500
12,70
MAX
.280
7,11
MAX
.380
9,65
TYP
.350
8,89
DATE CODE
COUNTRY OF ORIGIN
.350
8,89
.410
10,41
.290
7,37
.050
1,27
16X .030
0,76
H0013/19
Mechanicals
H0013, H0019*
Weight . . . . . . . . ..3 grams
Tape & Reel . . . . .2000/reel
Tube . . . . . . . . . . . .40/tube
Weight . . . . . . . . .4 grams
Tape & Reel . . . . . .500/reel
Tube . . . . . . . . . . . .40/tube
Weight . . . . . . .355 grams
Tape & Reel . . . . .1000/reel
Tube . . . . . . . . . . . .40/tube
H0022, H0025
H0009
Weight . . . . . . . .1.3 grams
Tape & Reel . . . . . .900/reel
Tube . . . . . . . . . . . .25/tube
H0020
*The H0019 has a Max height of .086” (0,22 mm)
*
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25


Numéro de pièce similaire - H0001

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
H0009NL PULSE-H0009NL Datasheet
836Kb / 4P
   10/100 PC Card LAN Magnetic Modules
H0009NL PULSE-H0009NL Datasheet
832Kb / 4P
   RoHS peak reflow temperature rating 260C
More results

Description similaire - H0001

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
8530 FILTRAN-8530 Datasheet
167Kb / 1P
   LAN 10/100 PC Card LAN Magnetics
logo
Bothhand USA, LP.
24ST0023C-3 BOTHHAND-24ST0023C-3 Datasheet
266Kb / 1P
   10/100 PC CARD LAN MAGNETICS
12ST0024HP BOTHHAND-12ST0024HP Datasheet
264Kb / 1P
   10/100 PC CARD LAN MAGNETICS
12ST0024P BOTHHAND-12ST0024P Datasheet
264Kb / 1P
   10/100 PC CARD LAN MAGNETICS
12ST0037P BOTHHAND-12ST0037P Datasheet
295Kb / 1P
   10/100 PC CARD LAN MAGNETICS
24ST0028AP BOTHHAND-24ST0028AP Datasheet
310Kb / 1P
   10/100 PC CARD LAN MAGNETICS
logo
API Technologies Corp
8530-8531 APITECH-8530-8531 Datasheet
508Kb / 1P
   10/100 PC Card LAN Magnetics
logo
Bothhand USA, LP.
24ST0023-3-LF BOTHHAND-24ST0023-3-LF Datasheet
286Kb / 1P
   10/100 PC CARD LAN MAGNETICS
NS0013B BOTHHAND-NS0013B Datasheet
261Kb / 1P
   10/100 PC CARD LAN MAGNETICS
12ST0023P1-LF BOTHHAND-12ST0023P1-LF Datasheet
279Kb / 1P
   10/100 PC CARD LAN MAGNETICS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com