Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA2846 Fiches technique(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No de pièce OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Fiches technique(HTML) 14 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 10Page - Texas Instruments OPA2846 Datasheet HTML 11Page - Texas Instruments OPA2846 Datasheet HTML 12Page - Texas Instruments OPA2846 Datasheet HTML 13Page - Texas Instruments OPA2846 Datasheet HTML 14Page - Texas Instruments OPA2846 Datasheet HTML 15Page - Texas Instruments OPA2846 Datasheet HTML 16Page - Texas Instruments OPA2846 Datasheet HTML 17Page - Texas Instruments OPA2846 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
14
This will give a −3dB bandwidth approximately equal to:
f*3dB +
GBP 2
pR
FCD Hz
The example of Figure 4 will give approximately 44MHz
flat bandwidth using the 0.3pF feedback compensation.
If the total output noise is bandlimited to a frequency less
than the feedback pole frequency, a very simple
expression for the equivalent input noise current can be
derived as:
I
EQ
+
I
N
2
) 4kT
R
F
)
E
N
R
F
2
)
(E
N2
pC
DF)
2
3
Where:
IEQ = Equivalent input noise current if the output noise is
bandlimited to F < 1/(2
πRFCF)
IN = Input current noise for the op amp inverting input
EN = Input voltage noise for the op amp
CD = Diode capacitance
F = Bandlimiting frequency in Hz (usually a post filter
prior to further signal processing)
Evaluating this expression up to the feedback pole
frequency at 31MHz for the circuit of Figure 4 gives an
equivalent input noise current of 3.1pA/Hz. This is only
slightly higher than the current noise of the op amp itself.
TWO-STAGE TRANSIMPEDANCE DESIGN
The dual OPA2846 may be used as either a dual
transimpedance channel from two photodetectors, or as a
very high gain stage by using one amplifier as the
transimpedance stage with the second used as a post gain
amplifier. See Figure 5 for an example of using one
channel as a transimpedance front end from a large area
detector, with the second amplifier used as a voltage gain
stage to get a 100k
Ω total gain (ZT) from a large 50pF
detector (CD in Figure 5).
2.67k
20
20
732
2.67k
1/2
OP A 2 84 6
1000pF
C
D
50pF
1.9pF
1/2
OP A 28 46
−V
B
λ
Figure 5. High-Gain, Wideband Transimpedance
Amplifier
One key question in this design is how best to split up the
first and second stage gains. If bandwidth optimization
from a given photodetector capacitance (CD in Figure 5) is
the primary goal, Equation 4 gives a solution for RF in the
input stage that will provide an equal bandwidth in the first
and second stages, giving the maximum overall channel
bandwidth.
R
F
+
Z
T
2
2
pC
D GBP
Where:
ZT
= Desired total transimpedance gain
CD
= Diode capacitance at reverse bias
GBP = Amplifier Gain Bandwidth Product (MHz)
This equation is used to calculate the required input stage
feedback resistor in Figure 5. The remaining total signal
gain is provided by the second stage; in the example of
Figure 5, setting G = 37.5 gives the same bandwidth
(approximately 44MHz) as the bandwidth achieved by the
input stage. To set this first stage bandwidth to its
maximally flat values, use Equation 5 to set the feedback
capacitor value:
C
F
+
C
D
pR
F GBP
f*3dB +
1
2
(GBP)
2 3
(2
pC
D)
1 3
(Z
T)
1 3
The approximate achievable bandwidth in the two stages
is given by Equation 6, which gives approximately 30MHz
for Figure 5.
LOW-GAIN COMPENSATION FOR
IMPROVED SFDR
Where a low gain is desired, and inverting operation is
acceptable, a new external compensation technique may
be used to retain the full slew rate and noise benefits of the
OPA2846 while giving increased loop gain and the
associated improvement in distortion offered by the
decompensated architecture. This technique shapes the
loop gain for good stability while giving an easily-con-
trolled, 2nd-order, low-pass frequency response. Consid-
ering only the noise gain (noninverting signal gain, which
is also called the Noise Gain or NG) for the circuit of
Figure 6, the low-frequency noise gain, (NG1) will be set
by the resistor ratios while the high-frequency noise gain
(NG2) will be set by the capacitor ratios. The capacitor
values set both the transition frequencies and the
high-frequency noise gain. If this noise gain (determined
by NG2 = 1 + CS/CF) is set to a value greater than the
recommended minimum stable gain for the op amp, and
the noise gain pole (set by 1/RFCF) is placed correctly, a
very well-controlled, 2nd-order,
low-pass frequency
response will result.
(2)
(3)
(4)
(5)
(6)


Numéro de pièce similaire - OPA2846

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846 TI1-OPA2846 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846 TI1-OPA2846 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846ID TI1-OPA2846ID Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846IDR TI1-OPA2846IDR Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Description similaire - OPA2846

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com