Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA842 Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce OPA842
Description  Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OPA842 Fiches technique(HTML) 12 Page - Texas Instruments

Back Button OPA842 Datasheet HTML 8Page - Texas Instruments OPA842 Datasheet HTML 9Page - Texas Instruments OPA842 Datasheet HTML 10Page - Texas Instruments OPA842 Datasheet HTML 11Page - Texas Instruments OPA842 Datasheet HTML 12Page - Texas Instruments OPA842 Datasheet HTML 13Page - Texas Instruments OPA842 Datasheet HTML 14Page - Texas Instruments OPA842 Datasheet HTML 15Page - Texas Instruments OPA842 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
OPA842
12
SBOS267A
www.ti.com
THREE OP AMP DIFFERENCING
(Instrumentation Topology)
The primary drawback of the single op amp differential
amplifier is its relatively low input impedances. Where high
impedance is required at the differential input, a standard
instrumentation amplifier (INA) topology may be built using
the OPA842 as the differencing stage. Figure 4 shows an
example of this, in which the two input amplifiers are pack-
aged together as a dual voltage-feedback op amp, the
OPA2822. This approach saves board space, cost, and
power compared to using two additional OPA842 devices,
and still achieves very good noise and distortion perfor-
mance due to the moderate loading on the input amplifiers.
requires its outputs terminated to a compliance voltage other
than ground for operation, then the appropriate voltage level
may be applied to the noninverting input of the OPA842.
FIGURE 4. Wideband 3-Op Amp Differencing Amplifier.
OPA842
Power-supply decoupling not shown.
V
O
V
1
R
G
500
V
2
OPA2822
+5V
+5V
–5V
–5V
OPA2822
500
500
R
F1
500
500
500
R
F1
500
In this circuit, the common-mode gain to the output is always
1, due to the four matched 500
Ω resistors, whereas the
differential gain is set by (1 + 2RF1/RG), which is equal to 2
using the values in Figure 4. The differential to single-ended
conversion is still performed by the OPA842 output stage.
The high-impedance inputs allow the V1 and V2 sources to be
terminated or impedance matched as required. If the V1 and
V2 inputs are already truly differential, such as the output
from a signal transformer, then a single matching termination
resistor may be used between them. Remember, however,
that a defined DC signal path must always exist for the V1
and V2 inputs; for the transformer case, a center-tapped
secondary connected to ground would provide an optimum
DC operating point.
DAC TRANSIMPEDANCE AMPLIFIER
High-frequency Digital-to-Analog Converters (DACs) require
a low-distortion output amplifier to retain their SFDR perfor-
mance into real-world loads. A single-ended output drive
implementation is shown in Figure 5. In this circuit, only one
side of the complementary output drive signal is used. The
diagram shows the signal output current connected into the
virtual ground-summing junction of the OPA842, which is set
up as a transimpedance stage or “I-V converter.” The unused
current output of the DAC is connected to ground. If the DAC
FIGURE 5. Wideband Low-Distortion DAC Transimpedance
Amplifier.
OPA842
High-Speed
DAC
V
O = ID RF
R
F
C
F
GBP
→ Gain Bandwidth
Product (Hz) for the OPA842
C
D
I
D
I
D
The DC gain for this circuit is equal to RF. At high frequen-
cies, the DAC output capacitance will produce a zero in the
noise gain for the OPA842 that may cause peaking in the
closed-loop frequency response. CF is added across RF to
compensate for this noise-gain peaking. To achieve a flat
transimpedance frequency response, this pole in the feed-
back network should be set to:
1
24
ππ
RC
GBP
RC
FF
FD
=
(1)
which will give a corner frequency f–3dB of approximately:
f
GBP
RC
dB
FD
=
3
2
π
(2)
ACTIVE FILTERS
Most active filter topologies will have exceptional performance
using the broad bandwidth and unity-gain stability of the
OPA842. Topologies employing capacitive feedback require a
unity-gain stable, voltage-feedback op amp. Sallen-Key filters
simply use the op amp as a noninverting gain stage inside an
RC network. Either current- or voltage-feedback op amps may
be used in Sallen-Key implementations.
See Figure 6 for an example Sallen-Key low-pass filter, in
which the OPA842 is set up to deliver a low-frequency gain of
+2. The filter component values have been selected to achieve
a maximally flat Butterworth response with a 5MHz, –3dB
bandwidth. The resistor values have been slightly adjusted to
compensate for the effects of the 150MHz bandwidth provided
by the OPA842 in this configuration. This filter may be com-
bined with the ADC driver suggestions to provide moderate (2-
pole) Nyquist filtering, limiting noise, and out-of-band harmon-
ics into the input of an ADC. This filter will deliver the
exceptionally low harmonic distortion required by high SFDR
ADCs such as the ADS850 (14-bit, 10MSPS, 82dB SFDR).


Numéro de pièce similaire - OPA842

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA842 TI1-OPA842 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842 TI1-OPA842 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842ID TI1-OPA842ID Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842IDBVR TI1-OPA842IDBVR Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842IDBVRG4 TI1-OPA842IDBVRG4 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Description similaire - OPA842

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com