Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES1030QI Fiches technique(PDF) 3 Page - Altera Corporation

No de pièce ES1030QI
Description  Power Rail Sequencer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1030QI Fiches technique(HTML) 3 Page - Altera Corporation

  ES1030QI Datasheet HTML 1Page - Altera Corporation ES1030QI Datasheet HTML 2Page - Altera Corporation ES1030QI Datasheet HTML 3Page - Altera Corporation ES1030QI Datasheet HTML 4Page - Altera Corporation ES1030QI Datasheet HTML 5Page - Altera Corporation ES1030QI Datasheet HTML 6Page - Altera Corporation ES1030QI Datasheet HTML 7Page - Altera Corporation ES1030QI Datasheet HTML 8Page - Altera Corporation ES1030QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ES1030QI
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent current
IQ
Static inputs and outputs
300
µA
Maximal voltage
applied to any PIN
in high-impedance
state
VO
VDD
V
Maximal average
or DC current
1
IO
Per Each Chip Side
(PIN2-PIN10, PIN12-PIN20)
90
mA
High-level input
voltage
VIH
Logic Input, at VDD=1.8V
0.98
VDD
V
Logic Input with Schmitt Trigger,
at VDD=1.8V
1.15
VDD
Logic Input, at VDD=3.3V
1.75
VDD
Logic Input with Schmitt Trigger,
at VDD=3.3V
1.99
VDD
Logic Input, at VDD=5.0V
2.88
VDD
Logic Input with Schmitt Trigger,
at VDD=5.0V
3.21
VDD
Low-level input
voltage
VIL
Logic Input, at VDD=1.8V
0.77
V
Logic Input with Schmitt Trigger,
at VDD=1.8V
0.60
Logic Input, at VDD=3.3V
1.43
Logic Input with Schmitt Trigger,
at VDD=3.3V
1.39
Logic Input, at VDD=5.0V
2.33
Logic Input with Schmitt Trigger,
at VDD=5.0V
2.33
High-level input
current
IIH
Logic input PINs; VIN = VDD
-1.0
1.0
µA
Low-level input
current
IIL
Logic input PINs; VIN = 0V
-1.0
1.0
µA
High-level output
Voltage
1
VOH
Push pull,
IOH = 100uA, at VDD=1.8 V
1.67
1.789
V
Push pull,
IOH = 3mA, at VDD=3.3 V
2.71
3.10
Push pull,
IOH = 5mA, at VDD=5.0 V
4.15
4.75
Low-level output
Voltage
1
VOL
Push pull,
IOL = 100uA, at VDD=1.8 V
0.010
0.014
V
Open drain,
IOL = 100uA, at VDD=1.8 V
0.007
0.012
Push pull,
IOL = 3mA, at VDD=3.3 V
0.148
0.179
Open drain,
IOL = 3mA, at VDD=3.3 V
0.061
0074
Push pull,
IOL = 5mA, at VDD=5.0 V
0.189
0.225
Open drain,
IOL = 5mA, at VDD=5.0 V
0.079
0.097
High-level output
current
1
IOH
Push pull,
VOH = VDD-0.2, at VDD=1.8 V
1.01
1.78
mA
Push pull,
VOH = 2.4 V, at VDD=3.3 V
5.55
10.8
Push pull,
VOH = 2.4 V, at VDD=5.0 V
20.1
30.0
1 Guaranteed by design.
3
www.altera.com/enpirion


Numéro de pièce similaire - ES1030QI

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
ES10 JAE-ES10 Datasheet
290Kb / 5P
   Just need to insert the stripped wire into the connector for connection.
logo
Bruckewell Technology L...
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
ES1000FL DAESAN-ES1000FL Datasheet
385Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Power-One
ES1001-7R POWER-ONE-ES1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
More results

Description similaire - ES1030QI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCD90160 TI1-UCD90160_15 Datasheet
2Mb / 52P
[Old version datasheet]   16-Rail Power Supply Sequencer
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
UCD90240 TI1-UCD90240 Datasheet
1Mb / 49P
[Old version datasheet]   UCD90240 24-Rail PMBus Power Sequencer and System Manager
UCD90320 TI1-UCD90320 Datasheet
375Kb / 14P
[Old version datasheet]   UCD90320 32-Rail PMBus??Power Sequencer and System Manager
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com