Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1150 Fiches technique(PDF) 4 Page - International Rectifier

No de pièce IRU1150
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1150 Fiches technique(HTML) 4 Page - International Rectifier

  IRU1150 Datasheet HTML 1Page - International Rectifier IRU1150 Datasheet HTML 2Page - International Rectifier IRU1150 Datasheet HTML 3Page - International Rectifier IRU1150 Datasheet HTML 4Page - International Rectifier IRU1150 Datasheet HTML 5Page - International Rectifier IRU1150 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Rev. 1.6
03/18/02
IRU1150
www.irf.com
APPLICATION INFORMATION
Introduction
The IRU1150 adjustable regulator is a five-terminal de-
vice designed specifically to provide extremely low drop-
out voltages comparable to the PNP type without the
disadvantage of the extra power dissipation due to the
base current associated with PNP regulators. This is
done by bringing out the control pin of the regulator that
provides the base current to the power NPN and con-
necting it to a voltage that is grater than the voltage present
at the VIN pin. This flexibility makes the IRU1150 ideal
for applications where dual inputs are available such as
a computer mother board with an ATX style power sup-
ply that provides 5V and 3.3V to the board. One such
application is the new graphic chip sets that require any-
where from 2.4V to 2.7V supply such as the Intel
I740
chip set. The IRU1150 can easily be programmed with
the addition of two external resistors to any voltages
within the range of 1.25 to 5.5 V. Another major require-
ment of these graphic chips such as the Intel
I740 is the
need to switch the load current from zero to several amps
in tens of nanoseconds at the processor pins, which
translates to an approximately 300 to 500ns of current
step at the regulator. In addition, the output voltage tol-
erances are also extremely tight and they include the
transient response as part of the specification.
The IRU1150 is specifically designed to meet the fast
current transient needs as well as providing an accurate
initial voltage, reducing the overall system cost with the
need for fewer number of output capacitors. Another fea-
ture of the device is its true remote sensing capability
which allows accurate voltage setting at the load rather
than at the device.
Output Voltage Setting
The IRU1150 can be programmed to any voltages in the
range of 1.25V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Where:
VREF = 1.25V Typically
IADJ = 50
mA Typically
R1 and R2 as shown in Figure 3:
Figure 3 - Typical application of the IRU1150
for programming the output voltage.
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU1150.
VOUT = VREF
3
oo1 + pp+ I
ADJ
3 R2
R2
R1
VCTRL
VIN
VSENSE
Adj
VOUT
THERMAL
SHUTDOWN
CURRENT
LIMIT
1.25V
+
+
5
4
3
1
2
VOUT
R1
R2
VIN
VCTRL
VREF
IADJ = 50uA
IRU1150
VSENSE
Adj
VOUT
VCTRL
VIN


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn