Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1150 Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRU1150
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1150 Fiches technique(HTML) 3 Page - International Rectifier

  IRU1150 Datasheet HTML 1Page - International Rectifier IRU1150 Datasheet HTML 2Page - International Rectifier IRU1150 Datasheet HTML 3Page - International Rectifier IRU1150 Datasheet HTML 4Page - International Rectifier IRU1150 Datasheet HTML 5Page - International Rectifier IRU1150 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRU1150
3
Rev. 1.6
03/18/02
www.irf.com
This pin is the positive side of the reference which allows remote load sensing to achieve
excellent load regulation.
A resistor divider from this pin to the VOUT pin and ground sets the output voltage.
The output of the regulator. A minimum of 10
mF capacitor must be connected from this
pin to ground to insure stability.
This pin is the supply pin for the internal control circuitry as well as the base drive for the
pass transistor. This pin must always be higher than the VOUT pin in order for the device to
regulate. (See specifications)
The input pin of the regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the minimum drop out
voltage during the load transient response. This pin must always be higher than VOUT in
order for the device to regulate. (See specifications)
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential between VIN and VOUT required to maintain regu-
lation at VOUT. It is measured when the output voltage
drops 1% below its nominal value.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically the resistor
dividers are selected such that it automatically main-
tains this current.
PIN #
PIN SYMBOL
PIN DESCRIPTION
PIN DESCRIPTIONS
1
2
3
4
5
VSENSE
Adj
VOUT
VCTRL
VIN


Numéro de pièce similaire - IRU1150

FabricantNo de pièceFiches techniqueDescription
International Rectifier
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Description similaire - IRU1150

FabricantNo de pièceFiches techniqueDescription
UNISEM
UNISEM
US1150 UNISEM-US1150 Datasheet
34Kb / 5P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Diodes Incorporated
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
SeCoS Halbleitertechnologie GmbH
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
GTM CORPORATION
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Diodes Incorporated
Diodes Incorporated
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
E-Tech Electronics LTD
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Anachip Corp
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Diodes Incorporated
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
Advanced Power Electronics Corp.
Advanced Power Electron...
APU1150 A-POWER-APU1150 Datasheet
366Kb / 7P
   4A ULTRA LOW DROPOUT POSITIVE
International Rectifier
International Rectifier
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz