Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B79MFH Fiches technique(PDF) 11 Page - Mitsubishi Electric Semiconductor

No de pièce M38B79MFH
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B79MFH Fiches technique(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M38B79MFH Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to
change.
11
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and
the internal system clock selection bit etc.
The CPU mode register is allocated at address 003B16.
Fig. 7 Structure of CPU mode register
CPU mode register
(CPUM: address 003B16)
b7
b0
Processor mode bits
b1b0
0 0 : Single-chip mode
0 1 :
1 0 :
Not available
1 1 :
Port XC switch bit
0 : I/O port function
1 : XCIN–XCOUT oscillating function
Main clock (XIN–XOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bit
0 : f(XIN) (high-speed mode)
1 : f(XIN)/4 (middle-speed mode)
Internal system clock selection bit
0 : XIN-XOUT selection (middle-/high-speed mode)
1 : XCIN-XCOUT selection (low-speed mode)
Stack page selection bit
0 : Page 0
1 : Page 1
Not used (return “1” when read)
(Do not write “0” to this bit.)


Numéro de pièce similaire - M38B79MFH

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M38B79MFH MITSUBISHI-M38B79MFH Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A055 MITSUBISHI-M38B79MFH-A055 Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A055FP MITSUBISHI-M38B79MFH-A055FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A154FP MITSUBISHI-M38B79MFH-A154FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A157FP MITSUBISHI-M38B79MFH-A157FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Description similaire - M38B79MFH

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com