Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B79MFH Fiches technique(PDF) 1 Page - Mitsubishi Electric Semiconductor

No de pièce M38B79MFH
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B79MFH Fiches technique(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38B79MFH Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to
change.
1
DESCRIPTION
The 38B7 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38B7 group has six 8-bit timers, one 16-bit timer, a fluorescent
display automatic display circuit, 16-channel 10-bit A-D converter, a
serial I/O with automatic transfer function, which are available for
controlling musical instruments and household appliances.
The 38B7 group has variations of internal memory type. For details,
refer to the section on part numbering.
For details on availability of microcomputers in the 38B7 group, refer
to the section on group expansion.
Built-in pull-down resistors connected to high-breakdown voltage ports
are available by specifying with the mask option in the mask ROM
version. For the details, refer to the section on the mask option of
pull-down resistor.
FEATURES
<Microcomputer mode>
Basic machine-language instructions ....................................... 71
The minimum instruction execution time .......................... 0.48 µs
(at 4.19 MHz oscillation frequency)
Memory size
ROM ........................................................ 60K bytes
RAM .......................................................2048 bytes
Programmable input/output ports ............................................. 75
High-breakdown-voltage output ports ...................................... 52
Software pull-up resistors . (Ports P64 to P67, P7, P80 to P83, P9,
PA, PB)
Interrupts .................................................. 22 sources, 16 vectors
Timers ........................................................... 8-bit ✕ 6, 16-bit ✕ 1
Serial I/O1 (Clock-synchronized) ................................... 8-bit ✕ 1
(max. 256-byte automatic transfer function)
Serial I/O2 (UART or Clock-synchronized) .................... 8-bit ✕ 1
Serial I/O3 (Clock-synchronized) ................................... 8-bit ✕ 1
PWM ............................................................................ 14-bit ✕ 1
8-bit ✕ 1 (also functions as timer 6)
A-D converter .............................................. 10-bit ✕ 16 channels
D-A converter ................................................................1 channel
Fluorescent display function ......................... Total 56 control pins
Interrupt interval determination function ..................................... 1
(Serviceable even in low-speed mode)
Watchdog timer ............................................................ 16-bit ✕ 1
Buzzer output ............................................................................. 1
Two clock generating circuits
Main clock (XIN–XOUT) .......................... Internal feedback resistor
Sub-clock (XCIN–XCOUT) .......... Without internal feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
Power source voltage
In high-speed mode ................................................... 4.0 to 5.5 V
(at 4.19 MHz oscillation frequency and high-speed selected)
In middle-speed mode ........................................... 2.7 to 5.5 V (*)
(at 4.19 MHz oscillation frequency and middle-speed selected)
In low-speed mode ................................................ 2.7 to 5.5 V (*)
(at 32 kHz oscillation frequency)
(*: 4.0 to 5.5 V for Flash memory version)
Power dissipation
In high-speed mode .......................................................... 35 mW
(at 4.19 MHz oscillation frequency)
In low-speed mode ............................................................. 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
Operating temperature range ................................... –20 to 85 °C
<Flash memory mode>
qSupply voltage ................................................. VCC = 5 V ± 10 %
qProgram/Erase voltage ............................... VPP = 11.7 to 12.6 V
qProgramming method ...................... Programming in unit of byte
qErasing method
Batch erasing ........................................ Parallel/Serial I/O mode
Block erasing .................................... CPU reprogramming mode
qProgram/Erase control by software command
qNumber of times for programming/erasing ............................ 100
qOperating temperature range (at programming/erasing)
..................................................................... Normal temperature
sNotes
1. The flash memory version cannot be used for application em-
bedded in the MCU card.
2. Power source voltage Vcc of the flash memory version is 4.0
to 5.5 V.
APPLICATION
Musical instruments, VCR, household appliances, etc.


Numéro de pièce similaire - M38B79MFH

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M38B79MFH MITSUBISHI-M38B79MFH Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A055 MITSUBISHI-M38B79MFH-A055 Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A055FP MITSUBISHI-M38B79MFH-A055FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A154FP MITSUBISHI-M38B79MFH-A154FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A157FP MITSUBISHI-M38B79MFH-A157FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Description similaire - M38B79MFH

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com