Moteur de recherche de fiches techniques de composants électroniques |
|
FDN327N Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
FDN327N Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page FDN327N Rev C (W) Electrical Characteristics T A = 25°C unless otherwise noted Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain–Source Breakdown Voltage VGS = 0 V, ID = 250 µA 20 V ∆BVDSS ∆T J Breakdown Voltage Temperature Coefficient ID = 250 µA,Referenced to 25°C 12 mV/ °C IDSS Zero Gate Voltage Drain Current VDS = 16 V, VGS = 0 V 1 µA IGSSF Gate–Body Leakage, Forward VGS = 8 V, VDS = 0 V 100 nA IGSSR Gate–Body Leakage, Reverse VGS = –8 V, VDS = 0 V –100 nA On Characteristics (Note 2) VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA 0.4 0.7 1.5 V ∆VGS(th) ∆T J Gate Threshold Voltage Temperature Coefficient ID = 250 µA,Referenced to 25°C –3 mV/ °C RDS(on) Static Drain–Source On–Resistance VGS = 4.5 V, ID = 2.0 A VGS = 2.5 V, ID = 1.9 A VGS = 1.8 V, ID = 1.6 A VGS = 4.5V, ID = 2 A, TJ = 125 °C 40 49 65 55 70 80 120 103 m Ω ID(on) On–State Drain Current VGS = 4.5V, VDS = 5 V 8 A gFS Forward Transconductance VDS = 5V, ID = 2 A 11 S Dynamic Characteristics Ciss Input Capacitance 423 pF Coss Output Capacitance 87 pF Crss Reverse Transfer Capacitance VDS = 10 V, V GS = 0 V f = 1.0 MHz 48 pF Switching Characteristics (Note 2) td(on) Turn–On Delay Time 6 12 ns tr Turn–On Rise Time 6.5 13 ns td(off) Turn–Off Delay Time 14 29 ns tf Turn–Off Fall Time VDD = 10 V, ID = 1 A, VGS = 4.5 V, RGEN = 6 Ω 2 4 ns Qg Total Gate Charge 4.5 6.3 nC Qgs Gate–Source Charge 0.89 nC Qgd Gate–Drain Charge VDS = 10 V, ID = 2 A, VGS = 4.5 V 0.95 nC Drain–Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain–Source Diode Forward Current 0.42 A VSD Drain–Source Diode Forward Voltage VGS = 0 V, IS = 0.42 A (Note 2) 0.6 1.2 V Notes: 1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design. a) 250 °C/W when mounted on a 0.02 in2 pad of 2 oz. copper. b) 270°C/W when mounted on a minimum pad. Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0% |
Numéro de pièce similaire - FDN327N |
|
Description similaire - FDN327N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |