Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN327N Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDN327N
Description  N-Channel 1.8 Vgs Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN327N Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDN327N Datasheet HTML 1Page - Fairchild Semiconductor FDN327N Datasheet HTML 2Page - Fairchild Semiconductor FDN327N Datasheet HTML 3Page - Fairchild Semiconductor FDN327N Datasheet HTML 4Page - Fairchild Semiconductor FDN327N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 2001
©2001 Fairchild Semiconductor Corporation
FDN327N Rev C (W)
FDN327N
N-Channel 1.8 Vgs Specified PowerTrench
®
® MOSFET
General Description
This 20V N-Channel MOSFET uses Fairchild’s high
voltage PowerTrench process. It has been optimized for
power management applications.
Applications
Load switch
Battery protection
Power management
Features
• 2 A, 20 V.
RDS(ON) = 70 m
Ω @ V
GS = 4.5 V
RDS(ON) = 80 m
Ω @ V
GS = 2.5 V
RDS(ON) = 120 m
Ω @ V
GS = 1.8 V
• Low gate charge (4.5 nC typical)
• Fast switching speed
• High performance trench technology for extremely
low RDS(ON)
G
D
S
SuperSOT -3
TM
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 8
V
ID
Drain Current
– Continuous
(Note 1a)
2
A
– Pulsed
8
Power Dissipation for Single Operation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
327
FDN327N
7’’
8mm
3000 units


Numéro de pièce similaire - FDN327N

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN327N UMW-FDN327N Datasheet
403Kb / 5P
   N-Channel 2.5 V (D-S) MOSFET
More results

Description similaire - FDN327N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDJ127P FAIRCHILD-FDJ127P Datasheet
172Kb / 5P
   P-Channel -1.8 Vgs Specified PowerTrench MOSFET
FDJ1028N FAIRCHILD-FDJ1028N_06 Datasheet
1Mb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ128N FAIRCHILD-FDJ128N Datasheet
174Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ1028N FAIRCHILD-FDJ1028N Datasheet
539Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P Datasheet
176Kb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P_07 Datasheet
6Mb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDW2508P FAIRCHILD-FDW2508P Datasheet
135Kb / 5P
   Dual P-Channel 1.8 V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com