Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN327N Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN327N
Description  N-Channel 1.8 Vgs Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN327N Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN327N Datasheet HTML 1Page - Fairchild Semiconductor FDN327N Datasheet HTML 2Page - Fairchild Semiconductor FDN327N Datasheet HTML 3Page - Fairchild Semiconductor FDN327N Datasheet HTML 4Page - Fairchild Semiconductor FDN327N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDN327N Rev C (W)
Typical Characteristics
0
1
2
3
4
5
0
2
4
6
Qg, GATE CHARGE (nC)
ID = 2A
V
DS = 5V
15V
10V
0
100
200
300
400
500
600
0
4
8
12
16
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
CRSS
C
OSS
f = 1MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
VGS = 4.5V
SINGLE PULSE
RθJA = 270
o
C/W
TA = 25
o
C
10ms
1ms
100µs
0
5
10
15
20
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 270°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
RθJA(t) = r(t) + RθJA
RθJA = 270 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE
PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Numéro de pièce similaire - FDN327N

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN327N UMW-FDN327N Datasheet
403Kb / 5P
   N-Channel 2.5 V (D-S) MOSFET
More results

Description similaire - FDN327N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDJ127P FAIRCHILD-FDJ127P Datasheet
172Kb / 5P
   P-Channel -1.8 Vgs Specified PowerTrench MOSFET
FDJ1028N FAIRCHILD-FDJ1028N_06 Datasheet
1Mb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ128N FAIRCHILD-FDJ128N Datasheet
174Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ1028N FAIRCHILD-FDJ1028N Datasheet
539Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P Datasheet
176Kb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P_07 Datasheet
6Mb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDW2508P FAIRCHILD-FDW2508P Datasheet
135Kb / 5P
   Dual P-Channel 1.8 V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com