Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN327N Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDN327N
Description  N-Channel 1.8 Vgs Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN327N Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDN327N Datasheet HTML 1Page - Fairchild Semiconductor FDN327N Datasheet HTML 2Page - Fairchild Semiconductor FDN327N Datasheet HTML 3Page - Fairchild Semiconductor FDN327N Datasheet HTML 4Page - Fairchild Semiconductor FDN327N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDN327N Rev C (W)
Typical Characteristics
0
4
8
12
16
0
0.5
1
1.5
2
2.5
3
3.5
VDS, DRAIN-SOURCE VOLTAGE (V)
1.8V
2.0V
V
GS = 4.5V
3.0V
2.5V
0.8
1
1.2
1.4
1.6
1.8
2
0
4
8
12
16
ID, DRAIN CURRENT (A)
VGS = 1.8V
2.5V
2.0V
4.5V
3.0V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 2A
VGS = 4.5V
0.02
0.06
0.1
0.14
0.18
1
2
3
4
5
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 1A
T
A = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
0.5
1
1.5
2
2.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA =-55
oC
25
oC
125
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Numéro de pièce similaire - FDN327N

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
FDN327N UMW-FDN327N Datasheet
403Kb / 5P
   N-Channel 2.5 V (D-S) MOSFET
More results

Description similaire - FDN327N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDJ127P FAIRCHILD-FDJ127P Datasheet
172Kb / 5P
   P-Channel -1.8 Vgs Specified PowerTrench MOSFET
FDJ1028N FAIRCHILD-FDJ1028N_06 Datasheet
1Mb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ128N FAIRCHILD-FDJ128N Datasheet
174Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ1028N FAIRCHILD-FDJ1028N Datasheet
539Kb / 6P
   N-Channel 2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P Datasheet
176Kb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDJ129P FAIRCHILD-FDJ129P_07 Datasheet
6Mb / 6P
   P-Channel -2.5 Vgs Specified PowerTrench MOSFET
FDW2508P FAIRCHILD-FDW2508P Datasheet
135Kb / 5P
   Dual P-Channel 1.8 V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com