Moteur de recherche de fiches techniques de composants électroniques |
|
CS51413GMNR2G Fiches technique(PDF) 3 Page - ON Semiconductor |
|
CS51413GMNR2G Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 20 page CS51411, CS51412, CS51413, CS51414 http://onsemi.com 3 PRODUCT SELECTION GUIDE Part Number Frequency Temperature Range Bias/Sync CS51411E 260 kHz −40°C to 85°C Sync CS51411G 260 kHz 0°C to 70°C Sync CS51412E 260 kHz −40°C to 85°C Bias CS51412G 260 kHz 0°C to 70°C Bias CS51413E 520 kHz −40°C to 85°C Sync CS51413G 520 kHz 0°C to 70°C Sync CS51414E 520 kHz −40°C to 85°C Bias CS51414G 520 kHz 0°C to 70°C Bias SYNC VFB VSW 2 GND SHDNB CS51411/3 1N4148 3.3 V D3 15 mH VIN 100 mF 100 mF 0.1 mF Figure 1. Application Diagram, 4.5 V − 16 V to 3.3 V @ 1.0 A Converter C1 C3 R1 R2 C4 0.1 mF SYNC Shutdown L1 C2 4.5 V − 16 V D1 205 127 1 3 7 6 8 4 5 1N5821 BOOST U1 VC MAXIMUM RATINGS Rating Value Unit Operating Junction Temperature Range, TJ −40 to 150 °C Lead Temperature Soldering: Reflow for Leaded: (SMD styles only) (Note 1) Reflow for Pb−Free: (SMD styles only) (Note 2) 230 peak 260 peak (Note 3) °C Storage Temperature Range, TS −65 to +150 °C ESD Damage Threshold (Human Body Model) 2.0 kV Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. 60−150 second above 183°C, 30 second maximum at peak. 2. 60−150 second above 217°C, 40 second maximum at peak. 3. +5°C/0°C allowable conditions, applies to both Pb and Pb−Free Devices. |
Numéro de pièce similaire - CS51413GMNR2G |
|
Description similaire - CS51413GMNR2G |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |