Moteur de recherche de fiches techniques de composants électroniques |
|
CAT1163JI-28TE13 Fiches technique(PDF) 2 Page - Catalyst Semiconductor |
|
CAT1163JI-28TE13 Fiches technique(HTML) 2 Page - Catalyst Semiconductor |
2 / 12 page 2 CAT1163 Doc. No. 3003, Rev. C DC OPERATING CHARACTERISTICS VCC = +2.7V to +6.0V, unless otherwise specified. Symbol Parameter Test Conditions Min Typ Max Units ICC Power Supply Current fSCL = 100 kHz 3 mA ISB Standby Current VCC = 3.3V 40 µA VCC = 5 50 µA ILI Input Leakage Current VIN = GND or VCC 2 µA ILO Output Leakage Current VIN = GND or VCC 10 µA VIL Input Low Voltage -1 VCC x 0.3 V VIH Input High Voltage VCC x 0.7 VCC + 0.5 V VOL1 Output Low Voltage (SDA) IOL = 3 mA, VCC = 3.0V 0.4 V ABSOLUTE MAXIMUM RATINGS Temperature Under Bias ................. –55 °C to +125°C Storage Temperature ....................... –65 °C to +150°C Voltage on any Pin with Respect to Ground(1) ............ –2.0V to +VCC +2.0V VCC with Respect to Ground ............... –2.0V to +7.0V Package Power Dissipation Capability (TA = 25 °C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300 °C Output Short Circuit Current(2) ........................ 100 mA Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specifica- tion is not implied. Exposure to any absolute maximum rating for extended periods may affect device perfor- mance and reliability. RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Max Units NEND(3) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR(3) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP(3) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 Volts ILTH(3)(4) Latch-Up JEDEC Standard 17 100 mA Note: (1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V. PIN FUNCTIONS Pin No. Pin Name Function 1 WDI Watchdog Timer Input 2 RESET Active Low Reset I/O 3 WP Write Protect 4 GND Ground 5 SDA Serial Data/Address 6 SCL Clock Input 7 RESET Active High Reset I/O 8VCC Power Supply |
Numéro de pièce similaire - CAT1163JI-28TE13 |
|
Description similaire - CAT1163JI-28TE13 |