Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM90N30-290B Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM90N30-290B
Description  N-Channel 300-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90N30-290B Fiches technique(HTML) 1 Page - Analog Power

  AM90N30-290B Datasheet HTML 1Page - Analog Power AM90N30-290B Datasheet HTML 2Page - Analog Power AM90N30-290B Datasheet HTML 3Page - Analog Power AM90N30-290B Datasheet HTML 4Page - Analog Power AM90N30-290B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM90N30-290B
N-Channel 300-V (D-S) MOSFET
VDS (V)
ID (A)
300
23
Symbol
Limit
Units
VDS
300
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
23
IDM
100
IS
23
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
A
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (mΩ)
290 @ VGS = 10V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM90N30-290B_1A


Numéro de pièce similaire - AM90N30-290B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM90N02-04D ANALOGPOWER-AM90N02-04D Datasheet
70Kb / 2P
   N-Channel 20-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM90N02-04D DOINGTER-AM90N02-04D Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM90N03-01P ANALOGPOWER-AM90N03-01P Datasheet
342Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM90N03-02D ANALOGPOWER-AM90N03-02D Datasheet
316Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM90N03-02D VBSEMI-AM90N03-02D Datasheet
1,001Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM90N30-290B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM10N30-600I ANALOGPOWER-AM10N30-600I Datasheet
77Kb / 3P
   N-Channel 300-V (D-S) MOSFET
AM7300N ANALOGPOWER-AM7300N Datasheet
335Kb / 5P
   N-Channel 300-V (D-S) MOSFET
logo
Vishay Siliconix
TN3012L VISHAY-TN3012L Datasheet
47Kb / 4P
   N-Channel 300-V (D-S) MOSFET
Rev. C, 16-Jul-01
SQM35N30-97 VISHAY-SQM35N30-97_15 Datasheet
234Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQD10N30-330H VISHAY-SQD10N30-330H_V01 Datasheet
210Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQM35N30-97 VISHAY-SQM35N30-97 Datasheet
235Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM35N30-97 VISHAY-SQM35N30-97_V01 Datasheet
236Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 째C MOSFET
01-Jan-2022
SQD10N30-330H VISHAY-SQD10N30-330H_V02 Datasheet
209Kb / 10P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD10N30-330H VISHAY-SQD10N30-330H_15 Datasheet
209Kb / 11P
   Automotive N-Channel 300 V (D-S) 175 °C MOSFET
Rev. C, 12-May-15
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com