Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C6204GLW120 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TMP320C6204GLW120
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6204GLW120 Fiches technique(HTML) 5 Page - Texas Instruments

  TMP320C6204GLW120 Datasheet HTML 1Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 2Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 3Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 4Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 5Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 6Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 7Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 8Page - Texas Instruments TMP320C6204GLW120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
TMS320C6205
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS106E − OCTOBER 1999 − REVISED MARCH 2004
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 1 provides an overview of the C6205 DSP. The table shows significant features of each device, including
the capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count, etc.
Table 1. Characteristics of the C6205 Processor
HARDWARE FEATURES
C6205
EMIF
1
DMA
4-Channel With Throughput Enhancements
Peripherals
PCI
1
Peripherals
McBSPs
2
32-Bit Timers
2
Internal Program Memory
Size (Bytes)
64K
Internal Program Memory
Organization
1 Block: 64K Bytes Cache/Mapped Program
Internal Data Memory
Size (Bytes)
64K
Internal Data Memory
Organization
2 Blocks: Four 16-Bit Banks per Block, 50/50 Split
CPU ID+Rev ID
Control Status Register (CSR.[31:16])
0x0003
Frequency
MHz
200
Cycle Time
ns
5 ns (C6205-200)
Core (V)
1.5
Voltage
I/O (V)
3.3
Voltage
Voltage Tolerance for PCI I/O Pins (V)
5.0
PLL Options
CLKIN frequency multiplier
Bypass (x1), x4, x6, x7, x8, x9, x10, and x11
BGA Package
16 x 16 mm
288-Pin MicroStar BGA (GHK)
Process Technology
µm
0.15 µm
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
Device Part Numbers
(For more details on the C6000 DSP part
numbering, see Figure 4)
TMX320C6205GHK
C6000 is a trademark of Texas Instruments.


Numéro de pièce similaire - TMP320C6204GLW120

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP320C6202BGDP167 TI-TMP320C6202BGDP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6202BGFN167 TI-TMP320C6202BGFN167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6202BGGP167 TI-TMP320C6202BGGP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6202BGHK167 TI-TMP320C6202BGHK167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6202BGJC167 TI-TMP320C6202BGJC167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Description similaire - TMP320C6204GLW120

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com