Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10P10-530D Datasheet(Fiches technique) 1 Page - Analog Power

Numéro de pièce AM10P10-530D
Description  P-Channel 100-V (D-S) MOSFET
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM10P10-530D Datasheet(HTML) 1 Page - Analog Power

  AM10P10-530D Datasheet HTML 1Page - Analog Power AM10P10-530D Datenblatt HTML 2Page - Analog Power AM10P10-530D Datenblatt HTML 3Page - Analog Power AM10P10-530D Datenblatt HTML 4Page - Analog Power AM10P10-530D Datenblatt HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM10P10-530D
P-Channel 100-V (D-S) MOSFET
VDS (V)
ID(A)
-6.9
-6.0
Symbol
Limit
Units
VDS
-100
VGS
±20
Continuous Drain Current
a
TA=25°C
ID
-6.9
IDM
-50
IS
-6.9
A
Power Dissipation
a
TA=25°C
PD
50
W
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
RθJA
40
RθJC
3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
A
PRODUCT SUMMARY
-100
rDS(on) (mΩ)
530 @ VGS = -10V
720 @ VGS = -4.5V
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Gate-Source Voltage
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM10P10-530D_1A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn