Moteur de recherche de fiches techniques de composants électroniques |
|
Si8621BT-IS Fiches technique(PDF) 2 Page - Silicon Laboratories |
|
Si8621BT-IS Fiches technique(HTML) 2 Page - Silicon Laboratories |
2 / 38 page 1. Ordering Guide Table 1.1. Ordering Guide for Valid OPNs1, 2 Ordering Part Number (OPN) Number of Inputs VDD1 Side Number of Inputs VDD2 Side Max Data Rate (Mbps) Default Output State Isolation Rating (kV) Temp (C) Package Si8610BB-B-IS 1 0 150 Low 2.5 –40 to 125 °C SOIC-8 Si8610BC-B-IS 1 0 150 Low 3.75 –40 to 125 °C SOIC-8 Si8610EC-B-IS 1 0 150 High 3.75 –40 to 125 °C SOIC-8 Si8610BD-B-IS 1 0 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8610ED-B-IS 1 0 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8620BB-B-IS 2 0 150 Low 2.5 –40 to 125 °C SOIC-8 Si8620EB-B-IS 2 0 150 High 2.5 –40 to 125 °C SOIC-8 Si8620BC-B-IS 2 0 150 Low 3.75 –40 to 125 °C SOIC-8 Si8620EC-B-IS 2 0 150 High 3.75 –40 to 125 °C SOIC-8 Si8620BD-B-IS 2 0 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8620ED-B-IS 2 0 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8621BB-B-IS 1 1 150 Low 2.5 –40 to 125 °C SOIC-8 Si8621BC-B-IS 1 1 150 Low 3.75 –40 to 125 °C SOIC-8 Si8621EC-B-IS 1 1 150 High 3.75 –40 to 125 °C SOIC-8 Si8621BD-B-IS 1 1 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8621ED-B-IS 1 1 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8622BB-B-IS 1 1 150 Low 2.5 –40 to 125 °C SOIC-8 Si8622EB-B-IS 1 1 150 High 2.5 –40 to 125 °C SOIC-8 Si8622BC-B-IS 1 1 150 Low 3.75 –40 to 125 °C SOIC-8 Si8622EC-B-IS 1 1 150 High 3.75 –40 to 125 °C SOIC-8 Si8622BD-B-IS 1 1 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8622ED-B-IS 1 1 150 High 5.0 –40 to 125 °C WB SOIC-16 Product Options with Reinforced VDE 0884-10 Rating with 10 kV Surge Capability Si8620BT-IS 2 0 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8620ET-IS 2 0 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8621BT-IS 1 1 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8621ET-IS 1 1 150 High 5.0 –40 to 125 °C WB SOIC-16 Si8622BT-IS 1 1 150 Low 5.0 –40 to 125 °C WB SOIC-16 Si8622ET-IS 1 1 150 High 5.0 –40 to 125 °C WB SOIC-16 Note: 1. All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard classifica- tions and peak solder temperatures. 2. “Si” and “SI” are used interchangeably. Si861x/2x Data Sheet Ordering Guide silabs.com | Smart. Connected. Energy-friendly. Rev. 1.6 | 1 |
Numéro de pièce similaire - Si8621BT-IS |
|
Description similaire - Si8621BT-IS |