Moteur de recherche de fiches techniques de composants électroniques |
|
Si5347B-D-GM Fiches technique(PDF) 10 Page - Silicon Laboratories |
|
Si5347B-D-GM Fiches technique(HTML) 10 Page - Silicon Laboratories |
10 / 55 page 3.6.6 Ramped Input Switching When switching between two plesiochronous input clocks (i.e., the frequencies are "almost the same" but not quite), ramped input switching should be enabled to ensure a smooth transition between the two inputs. Ramped input switching avoids frequency transients and overshoot when switching between frequencies and so is the default switching mode in CBPro. The feature should be turned off when switching between input clocks that are always frequency locked (i.e., are always the same exact frequency). The same ramp rate settings are used for both holdover exit and clock switching. For more information on ramped exit from holdover, see 3.3.5 Hold- over Mode. 3.6.7 Glitchless Input Switching The DSPLLs have the ability of switching between two input clock frequencies that are up to ±500 ppm apart. The DSPLL will pull-in to the new frequency using the DSPLL Loop Bandwidth or using the Fastlock Loop Bandwidth if it is enabled. The loss of lock (LOL) indi- cator will assert while the DSPLL is pulling-in to the new clock frequency. There will be no output runt pulses generated at the output during the transition. 3.6.8 Synchronizing to Gapped Input Clocks Each of the DSPLLs support locking to an input clock that has missing periods. This is also referred to as a gapped clock. The purpose of gapped clocking is to modulate the frequency of a periodic clock by selectively removing some of its cycles. Gapping a clock severely increases its jitter, so a phase-locked loop with high jitter tolerance and low loop bandwidth is required to produce a low-jitter periodic clock. The resulting output will be a periodic non-gapped clock with an average frequency of the input with its missing cycles. For exam- ple, an input clock of 100 MHz with one cycle removed every 10 cycles will result in a 90 MHz periodic non-gapped output clock. This is shown in the figure below. DSPLL 100 ns 100 ns 1 2 3 4 5 6 7 8 9 10 1 2 3 4 5 6 7 8 9 100 MHz clock 1 missing period every 10 90 MHz non-gapped clock 10 ns 11.11111... ns Gapped Input Clock Periodic Output Clock Period Removed Figure 3.6. Generating an Averaged Clock Output Frequency from a Gapped Clock Input A valid gapped clock input must have a minimum frequency of 10 MHz with a maximum of two missing cycles out of every 8. Locking to a gapped clock will not trigger the LOS, OOF, and LOL fault monitors. Clock switching between gapped clocks may violate the hitless switching specification in Table 5.8 Performance Characteristics on page 29 when the switch occurs during a gap in either input clock. Si5347/46 Rev D Data Sheet Functional Description silabs.com | Smart. Connected. Energy-friendly. Rev. 1.0 | 9 |
Numéro de pièce similaire - Si5347B-D-GM |
|
Description similaire - Si5347B-D-GM |