Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5347 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI5347
Description  Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI5347_16 Datasheet HTML 1Page - Silicon Laboratories SI5347_16 Datasheet HTML 2Page - Silicon Laboratories SI5347_16 Datasheet HTML 3Page - Silicon Laboratories SI5347_16 Datasheet HTML 4Page - Silicon Laboratories SI5347_16 Datasheet HTML 5Page - Silicon Laboratories SI5347_16 Datasheet HTML 6Page - Silicon Laboratories SI5347_16 Datasheet HTML 7Page - Silicon Laboratories SI5347_16 Datasheet HTML 8Page - Silicon Laboratories SI5347_16 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Si5347/46 Rev D Data Sheet
Dual/Quad DSPLLAny-Frequency, Any-Output Jitter
Attenuators
The Si5347 is a high-performance, jitter-attenuating clock multiplier which integrates
four any-frequency DSPLLs for applications that require maximum integration and inde-
pendent timing paths. The Si5346 is a dual DSPLL version in a smaller package. Each
DSPLL has access to any of the four inputs and can provide low jitter clocks on any of
the device outputs. Based on 4th generation DSPLL technology, these devices provide
any-frequency conversion with typical jitter performance under 100 fs. Each DSPLL
supports independent free-run, holdover modes of operation, as well as automatic and
hitless input clock switching. The Si5347/46 is programmable via a serial interface with
in-circuit programmable non-volatile memory so that it always powers up in a known
configuration. Programming the Si5347/46 is easy with Silicon Labs' ClockBuilder Pro
software. Factory pre-programmed devices are also available.
Applications
• OTN Muxponders and Transponders
• 10/40/100G network line cards
• GbE/10 GbE/100 GbE Synchronous Ethernet (ITU-T G.8262)
• Carrier Ethernet switches
• Broadcast video
KEY FEATURES
• Four or two independent DSPLLs, any
output frequency from any input frequency
• Ultra-low jitter of 95 fs rms
• Input frequency range:
• External Crystal: 25–54 MHz
• Differential: 8 kHz to 750 MHz
• LVCMOS: 8 kHz to 250 MHz
• Output frequency range:
• Differential: up to 712.5 MHz
• LVCMOS: up to 250 MHz
• Status Monitoring
• Hitless switching
• Si5347: 4 input, 8 output, 64-QFN 9×9 mm
• Si5346: 4 input, 4 output, 44-QFN 7×7 mm
OUT7
OUT6
OUT5
OUT1
OUT4
OUT3
OUT2
OUT0
I2C / SPI
Control
NVM
Status Flags
Status Monitor
XB
XA
25-54 MHz XTAL
OSC
÷FRAC
DSPLL D
DSPLL C
DSPLL B
DSPLL A
÷FRAC
÷FRAC
÷FRAC
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
4 Input
Clocks
IN0
IN1
IN2
IN3
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


Numéro de pièce similaire - SI5347_16

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
   Data Sheet Errata for Product Revision B
logo
Skyworks Solutions Inc.
SI5347-D-EVB SKYWORKS-SI5347-D-EVB Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
logo
Silicon Laboratories
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Skyworks Solutions Inc.
SI5347A-D-GM SKYWORKS-SI5347A-D-GM Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5347B-D-GM SKYWORKS-SI5347B-D-GM Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

Description similaire - SI5347_16

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com