Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si5341A-D-GM Fiches technique(PDF) 3 Page - Silicon Laboratories

No de pièce Si5341A-D-GM
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5341A-D-GM Fiches technique(HTML) 3 Page - Silicon Laboratories

  Si5341A-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5341A-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
2. Ordering Guide
Table 2.1. Si5341/40 Ordering Guide
Ordering Part Number
(OPN)
Number of In-
put/Output
Clocks
Output Clock Frequency
Range (MHz)
Frequency Syn-
thesis Mode
Package
Temperature
Range
Si5341
Si5341A-D-GM1, 2
4/10
0.0001 to 1028 MHz
Integer and
Fractional
64-QFN
9x9 mm
–40 to 85 °C
Si5341B-D-GM1, 2
0.0001 to 350 MHz
Si5341C-D-GM1, 2
0.0001 to 1028 MHz
Integer Only
Si5341D-D-GM1, 2
0.0001 to 350 MHz
Si5340
Si5340A-D-GM1, 2
4/4
0.0001 to 1028 MHz
Integer and
Fractional
44-QFN
7x7 mm
–40 to 85 °C
Si5340B-D-GM1, 2
0.0001 to 350 MHz
Si5340C-D-GM1, 2
0.0001 to 1028 MHz
Integer Only
Si5340D-D-GM1, 2
0.0001 to 350 MHz
Si5341/40-D-EVB
Si5341-D-EVB
Evaluation
Board
Si5340-D-EVB
Note:
1. Add an R at the end of the OPN to denote tape and reel ordering options.
2. Custom, factory pre-programmed devices are available. Ordering part numbers are assigned by Silicon Labs and the ClockBuild-
er Pro software utility. Custom part number format is: e.g., Si5341A-Dxxxxx-GM, where "xxxxx" is a unique numerical sequence
representing the preprogrammed configuration.
3. See 3.9 Custom Factory Preprogrammed Devicesand 3.10 Enabling Features and/or Configuration Settings Not Available in
ClockBuilder Pro for Factory Pre-Programmed Devices for important notes about specifying a preprogrammed device to use fea-
tures or device register settings not yet available in CBPro.
Si5341/40 Rev D Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2


Numéro de pièce similaire - Si5341A-D-GM

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5341A-D-GM SKYWORKS-SI5341A-D-GM Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

Description similaire - Si5341A-D-GM

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com