Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si5340 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce Si5340
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5340 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button Si5340 Datasheet HTML 3Page - Silicon Laboratories Si5340 Datasheet HTML 4Page - Silicon Laboratories Si5340 Datasheet HTML 5Page - Silicon Laboratories Si5340 Datasheet HTML 6Page - Silicon Laboratories Si5340 Datasheet HTML 7Page - Silicon Laboratories Si5340 Datasheet HTML 8Page - Silicon Laboratories Si5340 Datasheet HTML 9Page - Silicon Laboratories Si5340 Datasheet HTML 10Page - Silicon Laboratories Si5340 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
3.3.2 Input Clocks (IN0, IN1, IN2)
A differential or single-ended clock can be applied at IN2, IN1, or IN0. The recommended input termination schemes are shown in the
figure below.
Pulsed CMOS DC Coupled Single Ended
Standard AC Coupled Single Ended
100
3.3V, 2.5V, 1.8V
LVCMOS
Standard AC Coupled Differential LVPECL
INx
INxb
50
100
Standard AC Coupled Differential LVDS
INx
INxb
3.3V, 2.5V
LVPECL
3.3V, 2.5V
LVDS or
CML
INx
INxb
INx
INxb
50
50
50
50
Pulsed CMOS
Standard
Si5341/40
Si5341/40
Si5341/40
Si5341/40
3.3V, 2.5V, 1.8V
LVCMOS
50
R
2
R1
Pulsed CMOS
Standard
Pulsed CMOS
Standard
Pulsed CMOS
Standard
VDD
R1 (Ohm) R2 (Ohm)
1.8 V
2.5 V
3.3 V
324
511
634
665
475
365
Figure 3.3. Termination of Differential and LVCMOS Input Signals
Si5341/40 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6


Numéro de pièce similaire - Si5340

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5340 SILABS-SI5340 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5340 SKYWORKS-SI5340 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
SI5340-D-EVB SKYWORKS-SI5340-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
logo
Skyworks Solutions Inc.
SI5340A-D-GM SKYWORKS-SI5340A-D-GM Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

Description similaire - Si5340

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com