Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM10P20-1400D Fiches technique(PDF) 5 Page - Analog Power

No de pièce AM10P20-1400D
Description  P-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM10P20-1400D Fiches technique(HTML) 5 Page - Analog Power

  AM10P20-1400D Datasheet HTML 1Page - Analog Power AM10P20-1400D Datasheet HTML 2Page - Analog Power AM10P20-1400D Datasheet HTML 3Page - Analog Power AM10P20-1400D Datasheet HTML 4Page - Analog Power AM10P20-1400D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Analog Power
AM10P20-1400D
Package Information
Note:
1.
All Dimension Are In mm.
2.
Package Body Sizes Exclude Mold Flash, Protrusion Or Gate Burrs. Mold Flash, Protrusion Or Gate Burrs Shall
Not Exceed 0.10 mm Per Side.
3.
Package Body Sizes Determined At The Outermost Extremes Of The Plastic Body Exclusive Of Mold Flash, Gate
Burrs And Interlead Flash, But Including Any Mismatch Between The Top And Bottom Of The Plastic Body.
© Preliminary
5
Publication Order Number:
DS_AM10P20-1400D_1A


Numéro de pièce similaire - AM10P20-1400D

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AM10P20-1400D AIC-AM10P20-1400D Datasheet
318Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results

Description similaire - AM10P20-1400D

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AM10P20-690D AIC-AM10P20-690D Datasheet
321Kb / 5P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI1419DH VISHAY-SI1419DH Datasheet
225Kb / 3P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 14-Mar-05
SI2327DS VISHAY-SI2327DS Datasheet
89Kb / 6P
   P-Channel 200-V (D-S) MOSFET
S-42448-Rev. A, 10-Jan-05
SI3475DV VISHAY-SI3475DV Datasheet
119Kb / 7P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Analog Power
AM3413P ANALOGPOWER-AM3413P Datasheet
341Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM40P20-150PCFM ANALOGPOWER-AM40P20-150PCFM Datasheet
58Kb / 2P
   P-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI7119DN VISHAY-SI7119DN Datasheet
196Kb / 4P
   P-Channel 200-V (D-S) MOSFET
Rev. A, 13-Nov-06
SI1419DH VISHAY-SI1419DH_08 Datasheet
97Kb / 6P
   P-Channel 200-V (D-S) MOSFET
Rev. B, 28-Feb-05
logo
Analog Power
AM90P20-170B ANALOGPOWER-AM90P20-170B Datasheet
361Kb / 5P
   P-Channel 200-V (D-S) MOSFET
AM30P20-500P ANALOGPOWER-AM30P20-500P Datasheet
404Kb / 5P
   P-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com