Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BC847
Description  SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

BC847 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BC847 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC847 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC847 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT23 PNP SILICON PLANAR
GENERAL PURPOSE TRANSISTORS
ISSUE 6 - APRIL 1997
PARTMARKING DETAILS
COMPLEMENTARY TYPES
BC856A–3A
BC858C–3L
BC856
BC846
BC856B–Z3B
BC859A–Z4A
BC857
BC847
BC857A–Z3E
BC859B–4B
BC858
BC848
BC857B–3F
BC859C–Z4C
BC859
BC849
BC857C–3G
BC860A–Z4E
BC860
BC850
BC858A–3J
BC860B–4F
BC858B–3K
BC860C–4GZ
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BC856
BC857
BC858
BC859
BC860
UNIT
Collector-Base Voltage
VCBO
-80
-50
-30
-30
-50
V
Collector-Emitter Voltage
VCES
-80
-50
-30
-30
-50
V
Collector-Emitter Voltage
VCEO
-65
-45
-30
-30
-45
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-100
mA
Peak Pulse Current
IEM
-200
mA
Base Current
IBM
-200
mA
Base Current
IEM
-200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage
Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
BC856 BC857 BC858 BC859 BC860
UNIT CONDITIONS.
Collector Cut-Off Current ICBO
Max
-15
nA
VCB= -30V
Max
-4
µ
A
VCB= -30V
Tamb=150°C
Collector-Emitter
Saturation Voltage
VCE(sat) Typ
Max.
-75
-300
-75
-300
-75
-300
-75
-250
-75
-250
mV
IC=-10mA,
IB=-0.5mA
Typ
Max.
-250
-650
mV
IC=-100mA,
IB=-5mA
Typ
Max.
-300
-600
mV
IC=-10mA*
Base-Emitter
Saturation Voltage
VBE(sat) Typ
-700
mV
IC=-10mA,
IB=-0.5mA
Typ
-850
mV
IC=-100mA,
IB=-5mA
Base-Emitter Voltage
VBE
Min
Typ
Max
-600
-650
-750
-600
-650
-750
-600
-650
-750
-580
-650
-750
-580
-650
-750
mV
IC=-2mA
VCE=-5V
Max
-820
mV
IC=-10mA
VCE=-5V
* Collector-Emitter Saturation Voltage at IC = 10mA for the characteristics going through the
operating point IC= 11mA, VCE= 1V at constant base current.
BC856
BC857
BC858
BC859
BC860
C
B
E
SOT23


Numéro de pièce similaire - BC847

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
BC847 KODENSHI-BC847 Datasheet
267Kb / 4P
   General purpose application
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Jiangsu High diode Semi...
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
BC847 UTC-BC847 Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
logo
Jinan Jing Heng Electro...
BC847 JINGHENG-BC847 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
More results

Description similaire - BC847

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FMMT4402 ETC-FMMT4402 Datasheet
30Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
logo
Zetex Semiconductors
FMMT4402 ZETEX-FMMT4402 Datasheet
33Kb / 2P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTOR
FMMT4400 ZETEX-FMMT4400 Datasheet
30Kb / 2P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
List of Unclassifed Man...
BC846 ETC-BC846 Datasheet
35Kb / 3P
   SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
ZTX214 ETC-ZTX214 Datasheet
144Kb / 4P
   PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
   SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
   SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
logo
Zetex Semiconductors
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com