Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB060 Fiches technique(PDF) 1 Page - GOOD-ARK Electronics

No de pièce SB060
Description  Miniature Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB060 Fiches technique(HTML) 1 Page - GOOD-ARK Electronics

  SB060 Datasheet HTML 1Page - GOOD-ARK Electronics SB060 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature Schottky Barrier Rectifiers
Reverse Voltage 20V to 60V   Forward Current 0.6 Amperes
Features
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• Low power loss, high efficiency
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
• Guardring for overvoltage protection
Mechanical Data
• Case: Molded plastic body, R-1
• Terminals: Plated leads, solderable per MIL-STD-750,Method 2026
High temperature soldering guaranteed: 250℃/10 seconds at terminals
0.375'' (9.5mm) lead length, 5lbs(2.3kg) tension for axials
• Polarity: Color band denotes cathode end
• Mounting position: Any
• Weight: 0.007 ounce,0.20 gram
MAXIMUM RATINGS and ELECTRICAL CHARACTERISTICS
Ta= 25 °C unless otherwised
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
VF
V
VF
V
TJ=25℃
TJ=125℃
RθJA
RθJC
RθJL
Cj
pF
TJ
°C
TSTG
°C
Notes:1. Pulse test: 300 us pulse width, 1% duty cycle
2. Thermal Resistance at .375(9.5mm) Lead Length, PC Board Mounted
295
30
50
60
30
50
60
21
35
42
40
21
30
/W
Maximum DC reverse
current at rated DC
blocking voltage
(1)
Maximum forward voltage at 0.6A (Note 1)
Typical junction capacitance at 4.0v,1.0MHZ
Typical thermal resistance(Note 2)
IR
100
55
50
110
Maximum forward voltage at 9.4A (Note 1)
0.850
- 55 to + 150
Storage temperature range
mA
SB020 thru SB060
PARAMETER
SYMBOL
UNIT
SB020
SB030
SB040
SB050
SB060
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
20
14
20
- 55 to + 125
- 55 to + 150
Operating junction temperature range
Maximum average forward rectified current
0.375"(9.5mm) lead length
(see Fig 1)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load (JEDEC Method)
10
8.0
0.900
0.950
0.1
0.5
0.70
0.6
20


Numéro de pièce similaire - SB060

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SB060 VISHAY-SB060 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
SB060 VISHAY-SB060 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
SB060 VISHAY-SB060 Datasheet
78Kb / 5P
   Miniature Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
logo
Visual Communications C...
SB0603WC01-RG VCC-SB0603WC01-RG Datasheet
483Kb / 8P
   SpectraBright Series 0603 Package Size SMD Bi-Color LEDs
11/22
SB0606WC01-RG VCC-SB0606WC01-RG Datasheet
636Kb / 10P
   SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
More results

Description similaire - SB060

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
CHENG-YI ELECTRONIC CO....
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com