Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB380S Fiches technique(PDF) 4 Page - GOOD-ARK Electronics

No de pièce SB380S
Description  For High speed Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOOD-ARK [GOOD-ARK Electronics]
Site Internet  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB380S Fiches technique(HTML) 4 Page - GOOD-ARK Electronics

  SB380S Datasheet HTML 1Page - GOOD-ARK Electronics SB380S Datasheet HTML 2Page - GOOD-ARK Electronics SB380S Datasheet HTML 3Page - GOOD-ARK Electronics SB380S Datasheet HTML 4Page - GOOD-ARK Electronics SB380S Datasheet HTML 5Page - GOOD-ARK Electronics SB380S Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
5. 最大定格
Maximum Ratings and Electrical Characteristics
Parameter
Symbol
SB370S
SB380S
SB390S
SB3B0S
Units
Maximum repetitive peak reverse voltage
VRRM
70
80
90
100
Volts
Maximum RMS voltage
VRMS
49
56
63
70
Volts
Maximum DC blocking voltage
VDC
70
80
90
100
Volts
Maximum average forward rectified current
0.375”(9.5mm) lead length @TL=100℃
IF(AV)
3.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed on
rates load
(JEDEC Method)
IFSM
100
Amps
Maximum DC
reverse current @TJ=25℃
at rated DC blocking voltage
@TJ=100℃
IR(AV)
0.5
20
mA
Maximum
forward
IF=3.0A,TJ=25℃
voltage at
IF=3.0A,TJ=100℃
VF
0.79
0.69
Volts
Typical thermal resistance(Note 1)
RθJL
25
℃/W
Typical junction capacitance
(Note2)
Cj
90
pF
Operating junction temperature range
Tj
-55
~ +125
storage temperature range
TSTG
-55
~ +150
Notes:1. Thermal Resistance Junction to Lead.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Numéro de pièce similaire - SB380S

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SB380S EIC-SB380S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
SB380S EIC-SB380S Datasheet
44Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Description similaire - SB380S

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
SB320S GOOD-ARK-SB320S Datasheet
570Kb / 6P
   For High speed Rectifier
logo
Toshiba Semiconductor
1JU42 TOSHIBA-1JU42 Datasheet
169Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1S1832 TOSHIBA-1S1832 Datasheet
113Kb / 2P
   RECTIFIER (HIGH SPEED RECTIFIER APPSICATIONS)
1GU42 TOSHIBA-1GU42 Datasheet
170Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1R5JU41 TOSHIBA-1R5JU41 Datasheet
161Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1JU41 TOSHIBA-1JU41 Datasheet
181Kb / 4P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
logo
Toshiba Semiconductor
U2FWJ44N TOSHIBA-U2FWJ44N Datasheet
245Kb / 5P
   HIGH SPEED RECTIFIER APPLICATIONS
U1GWJ49 TOSHIBA-U1GWJ49 Datasheet
114Kb / 3P
   HIGH SPEED RECTIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com