Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC3201S-41 Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KIC3201S-41
Description  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201S-41 Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KIC3201S-41 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201S-41 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201S-41 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201S-41 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201S-41 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2013. 7. 04
2/5
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 12
Line up
* Other Voltages available, Selectable in 0.05V steps Contact KEC for details.
VOUT(V)
SOT-89
TSM
ITEM
Marking
ITEM
Marking
1.2
KIC3201S-12
A2
KIC3201T-12
B2C
1.3
KIC3201S-13
A3
KIC3201T-13
B3C
1.4
KIC3201S-14
A4
KIC3201T-14
B4C
1.5
KIC3201S-15
A5
KIC3201T-15
B5C
1.6
KIC3201S-16
A6
KIC3201T-16
B6C
1.7
KIC3201S-17
A7
KIC3201T-17
B7C
1.8
KIC3201S-18
A8
KIC3201T-18
B8C
1.9
KIC3201S-19
A9
KIC3201T-19
B9C
2.0
KIC3201S-20
B0
KIC3201T-20
C0C
2.1
KIC3201S-21
B1
KIC3201T-21
C1C
2.2
KIC3201S-22
B2
KIC3201T-22
C2C
2.3
KIC3201S-23
B3
KIC3201T-23
C3C
2.4
KIC3201S-24
B4
KIC3201T-24
C4C
2.5
KIC3201S-25
B5
KIC3201T-25
C5C
2.6
KIC3201S-26
B6
KIC3201T-26
C6C
2.7
KIC3201S-27
B7
KIC3201T-27
C7C
2.8
KIC3201S-28
B8
KIC3201T-28
C8C
2.9
KIC3201S-29
B9
KIC3201T-29
C9C
3.0
KIC3201S-30
C0
KIC3201T-30
D0C
3.1
KIC3201S-31
C1
KIC3201T-31
D1C
3.2
KIC3201S-32
C2
KIC3201T-32
D2C
3.3
KIC3201S-33
C3
KIC3201T-33
D3C
3.4
KIC3201S-34
C4
KIC3201T-34
D4C
3.5
KIC3201S-35
C5
KIC3201T-35
D5C
3.6
KIC3201S-36
C6
KIC3201T-36
D6C
3.7
KIC3201S-37
C7
KIC3201T-37
D7C
3.8
KIC3201S-38
C8
KIC3201T-38
D8C
3.9
KIC3201S-39
C9
KIC3201T-39
D9C
4.0
KIC3201S-40
D0
KIC3201T-40
E0C
4.1
KIC3201S-41
D1
KIC3201T-41
E1C
4.2
KIC3201S-42
D2
KIC3201T-42
E2C
4.3
KIC3201S-43
D3
KIC3201T-43
E3C
4.4
KIC3201S-44
D4
KIC3201T-44
E4C
4.5
KIC3201S-45
D5
KIC3201T-45
E5C
4.6
KIC3201S-46
D6
KIC3201T-46
E6C
4.7
KIC3201S-47
D7
KIC3201T-47
E7C
4.8
KIC3201S-48
D8
KIC3201T-48
E8C
4.9
KIC3201S-49
D9
KIC3201T-49
E9C
5.0
KIC3201S-50
E0
KIC3201T-50
F0C
5.1
KIC3201S-51
E1
KIC3201T-51
F1C
5.2
KIC3201S-52
E2
KIC3201T-52
F2C
5.3
KIC3201S-53
E3
KIC3201T-53
F3C
5.4
KIC3201S-54
E4
KIC3201T-54
F4C
5.5
KIC3201S-55
E5
KIC3201T-55
F5C
5.6
KIC3201S-56
E6
KIC3201T56
F6C
5.7
KIC3201S-57
E7
KIC3201T-57
F7C
5.8
KIC3201S-58
E8
KIC3201T-58
F8C
5.9
KIC3201S-59
E9
KIC3201T-59
F9C
6.0
KIC3201S-60
F0
KIC3201T-60
G0C


Numéro de pièce similaire - KIC3201S-41

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3201S-41 KEC-KIC3201S-41 Datasheet
383Kb / 6P
   CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
KIC3201S-41 KEC-KIC3201S-41 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-41 KEC-KIC3201S-41 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
More results

Description similaire - KIC3201S-41

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com