Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4730A Fiches technique(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

No de pièce 1N4730A
Description  1.0 Watt DO-41G Hermetically Sealed Pkg Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

1N4730A Fiches technique(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  1N4730A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. 1N4730A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Device
Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
1N4750A
27
9.5
35
0.25
750
5
20.6
1N4751A
30
8.5
40
0.25
1000
5
22.8
1N4752A
33
7.5
45
0.25
1000
5
25.1
1N4753A
36
7
50
0.25
1000
5
27.4
1N4754A
39
6.5
60
0.25
1000
5
29.7
1N4755A
43
6
70
0.25
1500
5
32.7
1N4756A
47
5.5
80
0.25
1500
5
35.8
1N4757A
51
5
95
0.25
1500
5
38.8
1N4758A
56
4.5
110
0.25
2000
5
42.6
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
Notes:
1.
The device numbers listed have a standard tolerance on the nominal zener voltage of
±5%. Device tolerance of ±2% is
indicated by a “C” instead of an “A”.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact ThinkiSemi.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
V
I
(mV)
(V)
(mA)
(mA)
VF
IF
VR
IR
VZ
IZT
(nA)
1N4759A
62
4
2.8
3
3.3
3.7
2.5
68
75
82
91
100
1N4760A
1N4764A
1N4763A
1N4762A
1N4761A
125
350
250
200
175
150
0.25
0.25
0.25
0.25
0.25
0.25
3000
3000
3000
2000
2000
2000
5
5
5
5
5
5
76.0
69.2
62.2
56.0
51.7
47.1
®
1N4728A thru 1N4764A
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05


Numéro de pièce similaire - 1N4730A

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
1N4730A CHONGQING-1N4730A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
NXP Semiconductors
1N4730A PHILIPS-1N4730A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4730A VISHAY-1N4730A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
List of Unclassifed Man...
1N4730A ETC1-1N4730A Datasheet
16Kb / 1P
   Zener Diodes
logo
Suntan Capacitors
1N4730A SUNTAN-1N4730A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
More results

Description similaire - 1N4730A

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
1N5221B THINKISEMI-1N5221B Datasheet
215Kb / 2P
   0.5 Watt DO-35G Hermetically Sealed Pkg Zener Diodes
logo
Yea Shin Technology Co....
1N4728A YEASHIN-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41G Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A Datasheet
85Kb / 2P
   1.0 Watt Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com