Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS90CR286A Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce DS90CR286A
Description  3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR286A Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  DS90CR286A Datasheet HTML 1Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 2Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 3Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 4Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 5Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 6Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 7Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 8Page - National Semiconductor (TI) DS90CR286A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise speci-
fied (except VOD and ∆V OD).
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time
(Figure 2 )
25
ns
CHLT
CMOS/TTL High-to-Low Transition Time
(Figure 2 )
1.8
5
ns
RSPos0
Receiver Input Strobe Position for Bit 0
(Figure 9,
Figure 10)
f = 40 MHz
1.0
1.4
2.15
ns
RSPos1
Receiver Input Strobe Position for Bit 1
4.5
5.0
5.8
ns
RSPos2
Receiver Input Strobe Position for Bit 2
8.1
8.5
9.15
ns
RSPos3
Receiver Input Strobe Position for Bit 3
11.6
11.9
12.6
ns
RSPos4
Receiver Input Strobe Position for Bit 4
15.1
15.6
16.3
ns
RSPos5
Receiver Input Strobe Position for Bit 5
18.8
19.2
19.9
ns
RSPos6
Receiver Input Strobe Position for Bit 6
22.5
22.9
23.6
ns
RSPos0
Receiver Input Strobe Position for Bit 0
(Figure 9,
Figure 10)
f = 66 MHz
0.7
1.1
1.4
ns
RSPos1
Receiver Input Strobe Position for Bit 1
2.9
3.3
3.6
ns
RSPos2
Receiver Input Strobe Position for Bit 2
5.1
5.5
5.8
ns
RSPos3
Receiver Input Strobe Position for Bit 3
7.3
7.7
8.0
ns
RSPos4
Receiver Input Strobe Position for Bit 4
9.5
9.9
10.2
ns
RSPos5
Receiver Input Strobe Position for Bit 5
11.7
12.1
12.4
ns
RSPos6
Receiver Input Strobe Position for Bit 6
13.9
14.3
14.6
ns
RSKM
RxIN Skew Margin (Note 4)
(Figure 11 )
f = 40 MHz
490
ps
f = 66 MHz
400
ps
RCOP
RxCLK OUT Period
(Figure 3)
15
T
50
ns
RCOH
RxCLK OUT High Time
(Figure 3 )
f = 40 MHz
10.0
12.2
ns
RCOL
RxCLK OUT Low Time
(Figure 3)
10.0
11.0
ns
RSRC
RxOUT Setup to RxCLK OUT
(Figure 3 )
6.5
11.6
ns
RHRC
RxOUT Hold to RxCLK OUT
(Figure 3 )
6.0
11.6
ns
RCOH
RxCLK OUT High Time
(Figure 3 )
f = 66 MHz
5.0
7.6
ns
RCOL
RxCLK OUT Low Time
(Figure 3)
5.0
6.3
ns
RSRC
RxOUT Setup to RxCLK OUT
(Figure 3 )
4.5
7.3
ns
RHRC
RxOUT Hold to RxCLK OUT
(Figure 3 )
4.0
6.3
ns
RCCD
RxCLK IN to RxCLK OUT Delay 25˚C, V
CC = 3.3V (Note 5)(Figure 4 )
3.5
5.0
7.5
ns
RPLLS
Receiver Phase Lock Loop Set
(Figure 5 )
10
ms
RPDD
Receiver Power Down Delay
(Figure 8 )
1µs
Note 4: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account the transmitter pulse positions (min
and max) and the receiver input setup and hold time (internal data sampling window - RSPos). This margin allows for LVDS interconnect skew, inter-symbol inter-
ference (both dependent on type/length of cable), and clock jitter (less than 250 ps).
Note 5: Total latency for the channel link chipset is a function of clock period and gate delays through the transmitter (TCCD) and receiver (RCCD). The total latency
for the 215/285 transmitter and 216A/286A receiver is: (T + TCCD) + (2*T + RCCD), where T = Clock period.
www.national.com
3


Numéro de pièce similaire - DS90CR286A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DS90CR286A NSC-DS90CR286A Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR286A-Q1 TI1-DS90CR286A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
logo
National Semiconductor ...
DS90CR286AMTD NSC-DS90CR286AMTD Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR286AMTD TI1-DS90CR286AMTD Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
More results

Description similaire - DS90CR286A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR218 NSC-DS90CR218 Datasheet
239Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link Receiver - 75 MHz
DS90CR288 NSC-DS90CR288 Datasheet
229Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link Receiver - 75 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com