Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL610 Fiches technique(PDF) 5 Page - Zarlink Semiconductor Inc

No de pièce SL610
Description  RF/IF AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL610 Fiches technique(HTML) 5 Page - Zarlink Semiconductor Inc

  SL610 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL610 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL610 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL610 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL610 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL610 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL610 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SL610/611 & 612
Typical applications
The circuit of Fig.7 is a general purpose RF preamplifier.
The voltage gain (from pin 5 to pin 3) is shown in Fig.8.
Fig.9 is the IF section of a simple SSB transceiver. At 9MHz
it has a gain of 100dB.
Fig.8 Typical voltage gain (RS = 50
Ω)
Fig.6 AGC characteristics (typical)
Fig.7 RF preamplifier
0.01µ
6
5
2
3
8
7
4
0.01µ
RI
47
OUTPUT
+6V
INPUT
0.1µ
Fig.9 IF amplifier using SL1612


Numéro de pièce similaire - SL610

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140MP MITEL-SL6140MP Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
SL6140MPTC MITEL-SL6140MPTC Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
SL6140NA MITEL-SL6140NA Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
More results

Description similaire - SL610

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
   RF-IF AMPLIFIER
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
NTE Electronics
NTE703A NTE-NTE703A Datasheet
81Kb / 2P
   Linear Integrated Circuit RF−IF Amplifier
NTE1495 NTE-NTE1495 Datasheet
61Kb / 3P
   Integrated Circuit AM RF Mixer, IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com