Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SBRT3U60P1 Datasheet(Fiches technique) 4 Page - Diodes Incorporated

Numéro de pièce SBRT3U60P1
Description  3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3U60P1 Datasheet(HTML) 4 Page - Diodes Incorporated

  SBRT3U60P1 Datenblatt HTML 1Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 2Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 3Page - Diodes Incorporated SBRT3U60P1 Datasheet HTML 4Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT3U60P1
Document number: DS37760 Rev. 3 - 2
4 of 5
www.diodes.com
December 2015
© Diodes Incorporated
SBRT3U60P1
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
POWERDI
®123
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI
®123
POWERDI
®123
Dim
Min
Max
Typ
A
0.93
1.00
0.98
A3
0.15
0.25
0.20
b
0.85
1.25
1.00
b2
1.025
1.125
1.10
D
1.63
1.93
1.78
E
3.50
3.90
3.70
E1
2.60
3.00
2.80
L
0.40
0.50
0.45
L1
1.25
1.40
1.35
L3
0.125
0.275
0.20
All Dimensions in mm
Dimensions
Value
(in mm)
G
0.65
X
1.05
X1
2.40
X2
4.10
Y
1.50
Y1
1.50
D
E
L1
L3
L3
L(2X)
E1
A
A3
b2
b
X
X1
Y1
G
Y
X2


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn