Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SBRT3U60P1 Datasheet(Fiches technique) 3 Page - Diodes Incorporated

Numéro de pièce SBRT3U60P1
Description  3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3U60P1 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBRT3U60P1 Datenblatt HTML 1Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 2Page - Diodes Incorporated SBRT3U60P1 Datasheet HTML 3Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 4Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT3U60P1
Document number: DS37760 Rev. 3 - 2
3 of 5
www.diodes.com
December 2015
© Diodes Incorporated
SBRT3U60P1
I
AVERAGE FORWARD CURRENT (A)
F(AV)
Figure 3 Forward Power Dissipation
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
Figure 4 DC Forward Current Derating
T , AMBIENT TEMPERATURE (°C)
A
0
0.5
1
1.5
2
2.5
3
3.5
25
50
75
100
125
150
Note 5
Figure 5 Typical Junction Capacitance
V , REVERSE VOLTAGE (V)
R
10
100
1000
10000
0
10
20
30
40
f = 1MHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn