Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SBRT3U60P1 Datasheet(Fiches technique) 2 Page - Diodes Incorporated

Numéro de pièce SBRT3U60P1
Description  3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3U60P1 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBRT3U60P1 Datenblatt HTML 1Page - Diodes Incorporated SBRT3U60P1 Datasheet HTML 2Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 3Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 4Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT3U60P1
Document number: DS37760 Rev. 3 - 2
2 of 5
www.diodes.com
December 2015
© Diodes Incorporated
SBRT3U60P1
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
60
V
Average Rectified Output Current
IO
3
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
70
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
53
°C/W
Typical Thermal Resistance Junction to Case (Note 5)
RθJC
2.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop (Note 6)
VF
0.47
0.56
0.52
V
IF = 3A, TJ = +25°C
IF = 3A, TJ = +125°C
Leakage Current (Note 6)
IR
0.15
30
mA
VR = 60V, TJ = +25°C
VR = 60V, TJ = +125°C
Notes:
5. Device mounted on 1inch sq. copper pad,2oz.
6. Short duration pulse test used to minimize self-heating effect.
0.01
0.1
1
10
0
100
200
300
400
500
600
V
F, INSTANTANEOUS FORWARD VOLTAGE (mV)
Figure 1 Typical Forward Characteristics
-55℃
25℃
85℃
125℃
150℃
Figure 2 Typical Reverse Characteristics
V , REVERSE VOLTAGE (V)
R
0.01
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn