Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SBRT3U60P1 Datasheet(Fiches technique) 1 Page - Diodes Incorporated

Numéro de pièce SBRT3U60P1
Description  3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3U60P1 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBRT3U60P1 Datasheet HTML 1Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 2Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 3Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 4Page - Diodes Incorporated SBRT3U60P1 Datenblatt HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT3U60P1
Document number: DS37760 Rev. 3 - 2
1 of 5
www.diodes.com
December 2015
© Diodes Incorporated
SBRT3U60P1
3A Trench SBR
TRENCH SUPER BARRIER RECTIFIER
POWERDI
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF max (V)
IR max (mA)
60
3
0.56
0.15
Description and Application
Packaged in the compact thermally efficient POWERDI
®123 package,
the SBRT3U60P1 provides very low reverse leakage and excellent VF
stability at high temperatures. It is ideally suited to use as a rectifier
diode in MR16 bridge rectifier applications.
Bridge Diodes
Blocking Diodes
Reverse Protection Diodes
Features and Benefits
Reduced Ultra-low Forward Voltage Drop (VF); Better Efficiency
and Cooler Operation
Reduced
High
Temperature
Reverse
Leakage;
Increased
Reliability
against
Thermal
Runaway
Failure
in
High
Temperature Operation
Patented Trench Super Barrier Rectifier SBR
®
Technology
<1.1mm Package Profile
– Ideal for Thin Applications
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI
®123
Case Material: Molded Plastic, ―Green‖ Molding Compound; UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.01 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBRT3U60P1-7
POWERDI
®123
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2013
2014
2015
2016
2017
2018
2019
2020
Code
A
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Green
TV6 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: A = 2015)
M = Month (ex: 9 = September)
Device Symbol
POWERDI
®123


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn