Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2314EDS Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI2314EDS
Description  N-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2314EDS Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI2314EDS Datasheet HTML 1Page - Vishay Siliconix SI2314EDS Datasheet HTML 2Page - Vishay Siliconix SI2314EDS Datasheet HTML 3Page - Vishay Siliconix SI2314EDS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D ESD Protected: 3000 V
APPLICATIONS
D LI-lon Battery Protection
Si2314EDS
Vishay Siliconix
New Product
Document Number: 71611
S-04683—Rev. B, 10-Sep-01
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.033 @ VGS = 4.5 V
4.9
20
0.040 @ VGS = 2.5 V
4.4
0.051 @ VGS = 1.8 V
3.9
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2314EDS (C4)*
*Marking Code
D
S
G
3 k
W
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
"12
V
_
TA= 25_C
4.9
3.77
Continuous Drain Current (TJ = 150_C)a
TA= 70_C
ID
3.9
3.0
Pulsed Drain Currentb
IDM
15
A
Avalanche Currentb
IAS
15
Single Avalanche Energy
L = 0.1 mH
EAS
11.25
mJ
Continuous Source Current (Diode Conduction)a
IS
1.0
A
TA= 25_C
1.25
0.75
Power Dissipationa
TA= 70_C
PD
0.80
0.48
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 5 sec
75
100
Maximum Junction-to-Ambienta
Steady State
RthJA
120
166
_C/W
Maximum Junction-to-Foot
Steady State
RthJF
40
50
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature


Numéro de pièce similaire - SI2314EDS

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SI2314EDS KEXIN-SI2314EDS Datasheet
1Mb / 5P
   N-Channel Enhancement MOSFET
logo
Vishay Siliconix
Si2314EDS VISHAY-Si2314EDS Datasheet
200Kb / 8P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
SI2314EDS VISHAY-SI2314EDS Datasheet
161Kb / 7P
   N-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2314EDS-3 KEXIN-SI2314EDS-3 Datasheet
1Mb / 5P
   N-Channel Enhancement MOSFET
SI2314EDS-HF KEXIN-SI2314EDS-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Description similaire - SI2314EDS

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com