Moteur de recherche de fiches techniques de composants électroniques |
|
TMP320C6416GJC100 Fiches technique(PDF) 9 Page - Texas Instruments |
|
TMP320C6416GJC100 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 70 page TMS320C6205 FIXED-POINT DIGITAL SIGNAL PROCESSOR SPRS106E − OCTOBER 1999 − REVISED MARCH 2004 9 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 memory map summary Table 2 shows the memory map address ranges of the C6205 device. The C6205 device has the capability of a MAP 0 or MAP 1 memory block configuration. The maps differ in that MAP 0 has external memory mapped at address 0x0000 0000 and MAP 1 has internal memory mapped at address 0x0000 0000. These memory block configurations are set up at reset by the boot configuration pins (generically called BOOTMODE[4:0]). For the C6205 device, the BOOTMODE configuration is handled, at reset, by the expansion bus module (specifically XD[4:0] pins). For more detailed information on the C6205 device settings, which include the device boot mode configuration at reset and other device-specific configurations, see TMS320C620x/C670x DSP Boot Modes and Configuration (literature number SPRU642). Table 2. TMS320C6205 Memory Map Summary MEMORY BLOCK DESCRIPTION BLOCK SIZE HEX ADDRESS RANGE MAP 0 MAP 1 BLOCK SIZE (BYTES) HEX ADDRESS RANGE External Memory Interface (EMIF) CE0 Internal Program RAM 64K 0000 0000 – 0000 FFFF EMIF CE0 Reserved 4M – 64K 0001 0000 – 003F FFFF EMIF CE0 EMIF CE0 12M 0040 0000 – 00FF FFFF EMIF CE1 EMIF CE0 4M 0100 0000 – 013F FFFF Internal Program RAM EMIF CE1 64K 0140 0000 – 0140 FFFF Reserved EMIF CE1 4M – 64K 0141 0000 – 017F FFFF EMIF Registers 256K 0180 0000 – 0183 FFFF DMA Controller Registers 256K 0184 0000 – 0187 FFFF Reserved 256K 0188 0000 – 018B FFFF McBSP 0 Registers 256K 018C 0000 – 018F FFFF McBSP 1 Registers 256K 0190 0000 – 0193 FFFF Timer 0 Registers 256K 0194 0000 – 0197 FFFF Timer 1 Registers 256K 0198 0000 – 019B FFFF Interrupt Selector Registers 256K 019C 0000 – 019F FFFF Reserved 256K 01A0 0000 – 01A3 FFFF PCI Registers 320K 01A4 0000 – 01A8 FFFF Reserved 6M – 576K 01A9 0000 – 01FF FFFF EMIF CE2 16M 0200 0000 – 02FF FFFF EMIF CE3 16M 0300 0000 – 03FF FFFF Reserved 2G – 64M 0400 0000 – 7FFF FFFF Internal Data RAM 64K 8000 0000 – 8000 FFFF Reserved 2G – 64K 8001 0000 – FFFF FFFF |
Numéro de pièce similaire - TMP320C6416GJC100 |
|
Description similaire - TMP320C6416GJC100 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |