Moteur de recherche de fiches techniques de composants électroniques |
|
MC10H180L Fiches technique(PDF) 2 Page - ON Semiconductor |
|
MC10H180L Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 4 page MC10H180 http://onsemi.com 2 MAXIMUM RATINGS Symbol Characteristic Rating Unit VEE Power Supply (VCC = 0) –8.0 to 0 Vdc VI Input Voltage (VCC = 0) 0 to VEE Vdc Iout Output Current – Continuous – Surge 50 100 mA TA Operating Temperature Range 0 to +75 °C Tstg Storage Temperature Range – Plastic – Ceramic –55 to +150 –55 to +165 °C °C ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note 1.) 0 ° 25 ° 75 ° Symbol Characteristic Min Max Min Max Min Max Unit IE Power Supply Current – 95 – 86 – 95 mA IinH Input Current High Pins 4, 12 Pins 7, 9 Pins 5, 6, 10, 11 – – – 665 515 410 – – – 417 320 255 – – – 417 320 255 µA IinL Input Current Low 0.5 – 0.5 – 0.3 – µA VOH High Output Voltage –1.02 –0.84 –0.98 –0.81 –0.92 –0.735 Vdc VOL Low Output Voltage –1.95 –1.63 –1.95 –1.63 –1.95 –1.60 Vdc VIH High Input Voltage (1) –1.17 –0.84 –1.13 –0.81 –1.07 –0.735 Vdc VIL Low Input Voltage (1) –1.95 –1.48 –1.95 –1.48 –1.95 –1.45 Vdc AC PARAMETERS tpd Propagation Delay Operand to Output Select to Output Carry–in to Output 0.6 0.6 0.4 2.4 2.2 1.6 0.7 0.7 0.4 2.5 2.3 1.7 0.8 0.8 0.4 2.8 2.6 1.8 ns tr Rise Time 0.5 2.0 0.5 2.1 0.5 2.2 ns tf Fall Time 0.5 2.0 0.5 2.1 0.5 2.2 ns 1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Ifpm is maintained. Outputs are terminated through a 50–ohm resistor to –2.0 volts. FUNCTION SELECT TABLE TRUTH TABLE SelA SelB Function H S = A plus B INPUTS FUNCTION SelA SelB A0 B0 Cin S0 S0 Cout ADD SUBTRACT H H H H H H H H L L L L L L L L H H H H H H H H H H H H H H H H L L L L H H H H L L L L H H H H L L H H L L H H L L H H L L H H L H L H L H L H L H L H L H L H H L L H L H H L L H H L H L L H L H H L H L L H H L L H L H H L L L L H L H H H L H L L H H L H H L L H L H L S = A minus B S = B minus A S = 0 minus A minus B INPUTS FUNCTION SelA SelB A0 B0 Cin S0 S0 Cout REVERSE SUBTRACT H H H H H H H H L L L L L L L L L L L L L L L L L L L L L L L L L L L L H H H H L L L L H H H H L L H H L L H H L L H H L L H H L H L H L H L H L H L H L H L H L H H L H L L H H L L H L H H L H L L H L H H L L H H L H L L H L H H H L L L H H H L H L H L L |
Numéro de pièce similaire - MC10H180L |
|
Description similaire - MC10H180L |