Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62043DRCR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62043DRCR
Description  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62043DRCR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS62043DRCR Datasheet HTML 1Page - Texas Instruments TPS62043DRCR Datasheet HTML 2Page - Texas Instruments TPS62043DRCR Datasheet HTML 3Page - Texas Instruments TPS62043DRCR Datasheet HTML 4Page - Texas Instruments TPS62043DRCR Datasheet HTML 5Page - Texas Instruments TPS62043DRCR Datasheet HTML 6Page - Texas Instruments TPS62043DRCR Datasheet HTML 7Page - Texas Instruments TPS62043DRCR Datasheet HTML 8Page - Texas Instruments TPS62043DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
www.ti.com
4
PIN ASSIGNMENTS
1
2
3
4
5
10
9
8
7
6
EN
VIN
VIN
GND
FB
PGND
PGND
SW
SW
MODE
DGQ PACKAGE
(TOP VIEW)
NOTE: The PowerPAD must be connected to GND.
1
2
3
4
5
10
9
8
7
6
EN
VIN
VIN
GND
FB
PGND
PGND
SW
SW
MODE
DRC PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
1
I
Enable. Pulling EN to ground forces the device into shutdown mode. Pulling EN to VI enables the device. EN should
not be left floating and must be terminated.
VIN
2,3
I
Supply voltage input
GND
4
Analog ground
FB
5
I
Feedback pin. Connect FB directly to the output if the fixed output voltage version is used. For the adjustable version
an external resistor divider is connected to this pin. The internal voltage divider is disabled for the adjustable version.
MODE
6
I
Pulling the MODE pin high allows the device to be forced into fixed frequency operation. Pulling the MODE pin to low
enables the power save mode where the device operates in fixed frequency PWM mode at high load currents and
in PFM mode (pulse frequency modulation) at light load currents.
SW
7,8
I/O
This is the switch pin of the converter and is connected to the drain of the internal power MOSFETs
PGND
9,10
Power ground


Numéro de pièce similaire - TPS62043DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62043DRCR TI1-TPS62043DRCR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DRCR TI1-TPS62043DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DRCRG4 TI1-TPS62043DRCRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Description similaire - TPS62043DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com